Electronic Components Datasheet Search
  English  ▼

X  

SHT33-DIS Datasheet(PDF) 22 Page - Sensirion AG Switzerland

Part # SHT33-DIS
Description  3th Generation, High-Reliability, Certified Relative Humidity and Temperature Sensor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT33-DIS Datasheet(HTML) 22 Page - Sensirion AG Switzerland

Back Button SHT33-DIS Datasheet HTML 18Page - Sensirion AG Switzerland SHT33-DIS Datasheet HTML 19Page - Sensirion AG Switzerland SHT33-DIS Datasheet HTML 20Page - Sensirion AG Switzerland SHT33-DIS Datasheet HTML 21Page - Sensirion AG Switzerland SHT33-DIS Datasheet HTML 22Page - Sensirion AG Switzerland SHT33-DIS Datasheet HTML 23Page - Sensirion AG Switzerland SHT33-DIS Datasheet HTML 24Page - Sensirion AG Switzerland SHT33-DIS Datasheet HTML 25Page - Sensirion AG Switzerland SHT33-DIS Datasheet HTML 26Page - Sensirion AG Switzerland  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
www.sensirion.com / D1
Version 1
– December 2022
22/26
The land pattern is recommended to be designed according to the used PCB and soldering process
together with the physical outer dimensions of the sensor. For reference, the land pattern used with
Sensirion’s PCBs and soldering processes is given in Figure 7. Soldering of the central die pad is
optional. Sensirion recommends to not solder the central die pad because the sensor can reach
higher temperatures upon heater activation
6 Quality and Material Contents
Qualification of SHT33-DIS is performed based on the JEDEC JESD47 qualification test method,
qualification report available on request. The device is fully RoHS and WEEE compliant, e.g. free
of Pb, Cd, and Hg.
For general remarks of best practice in processing humidity sensor please refer to the handling
instructions [4].
.
Figure 7. Recommended metal land pattern (left) and stencil apertures (right) for SHT33-DIS. The
dashed lines represent the outer dimension of the DFN package. The PCB pads (left) and stencil
apertures (right) are indicated through the shaded areas.
Recommended Land Pattern
Recommended Stencil Aperture
0.55
1
2.35
0.2
0.9
0.55
2.55
0.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com