Electronic Components Datasheet Search
  English  ▼

X  

SHT33-DIS Datasheet(PDF) 6 Page - Sensirion AG Switzerland

Part # SHT33-DIS
Description  3th Generation, High-Reliability, Certified Relative Humidity and Temperature Sensor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT33-DIS Datasheet(HTML) 6 Page - Sensirion AG Switzerland

Back Button SHT33-DIS Datasheet HTML 2Page - Sensirion AG Switzerland SHT33-DIS Datasheet HTML 3Page - Sensirion AG Switzerland SHT33-DIS Datasheet HTML 4Page - Sensirion AG Switzerland SHT33-DIS Datasheet HTML 5Page - Sensirion AG Switzerland SHT33-DIS Datasheet HTML 6Page - Sensirion AG Switzerland SHT33-DIS Datasheet HTML 7Page - Sensirion AG Switzerland SHT33-DIS Datasheet HTML 8Page - Sensirion AG Switzerland SHT33-DIS Datasheet HTML 9Page - Sensirion AG Switzerland SHT33-DIS Datasheet HTML 10Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
www.sensirion.com / D1
Version 1
– December 2022
6/26
1.4 ISO17025 certification with 3-point calibration data
All SHT33 can be uniquely identified by their serial number (read out command see paragraph
4.11). For each sensor an individual 3-point calibration is performed, accredited to ISO/IEC
17025:2017. The accreditation is performed and granted by the Swiss Accreditation Service (SAS),
a public institution of the Swiss Government. The accreditation is documented on the SAS website
under the name SCS 0158 can be downloaded from this link. The three calibration temperatures
are T =
−30 °C, T = 5 °C, and T = 70 °C. Measurement uncertainties and decision rules according
to the SAS are given in Table 3.
Metrological traceability of the calibration is in accordance to ch. 6.5 of ISO/IEC 17025:2017,
encompassing but not limited to NIST traceability or traceability to other national metrology
institutes, according to the CIPM Mutual Recognition Arrangement (CIPM MRA).
Reel-wise calibration certificates and data for each SHT33 can be downloaded through a web-
client and through an API from libellus.sensirion.com, which allows for efficient processing by
automated systems. For detailed documentation, kindly refer to the Libellus documentation.
Temperature
Expanded measurement uncertainty (k=2)*
Decision rule
−30 °C
0.40 °C
Shared risk (JCGM 106:2010, 8.2)
5 °C
0.20 °C
Shared risk (JCGM 106:2010, 8.2)
70 °C
0.20 °C
Shared risk (JCGM 106:2010, 8.2)
Table 3. Measurement uncertainty and decision rule for the accredited calibration according to Swiss
Accreditation Service (SAS). *Measurement uncertainties represent a confidence level of 95% using a
coverage factor of k = 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com