Electronic Components Datasheet Search
  English  ▼

X  

SIP32434 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIP32434
Description  6 A, 33 m, 2.8 V to 23 V, eFuse With Programmable Current Limit and OVP
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32434 Datasheet(HTML) 1 Page - Vishay Siliconix

  SIP32434 Datasheet HTML 1Page - Vishay Siliconix SIP32434 Datasheet HTML 2Page - Vishay Siliconix SIP32434 Datasheet HTML 3Page - Vishay Siliconix SIP32434 Datasheet HTML 4Page - Vishay Siliconix SIP32434 Datasheet HTML 5Page - Vishay Siliconix SIP32434 Datasheet HTML 6Page - Vishay Siliconix SIP32434 Datasheet HTML 7Page - Vishay Siliconix SIP32434 Datasheet HTML 8Page - Vishay Siliconix SIP32434 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
SIP32434
www.vishay.com
Vishay Siliconix
S22-0384-Rev. B, 02-May-2022
1
Document Number: 63147
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
6 A, 33 m
, 2.8 V to 23 V,
eFuse With Programmable Current Limit and OVP
DESCRIPTION
The SIP32434A and SIP32434B are single-channel eFuses
that integrate multiple control and protection features,
which provide increased controllability and reliability, with
simplified designs and minimal external components.
The SIP32434A and SIP32434B protect both power sources
and downstream circuitry connected to the switch from
overloads, short circuits, voltage surges, and excessive
inrush currents.
The output current limit can be set by a single external
resistor. VIN overvoltage protection and undervoltage
lockout threshold levels can be set with an external resistor
network. VIN inrush current requirements can be set with a
single external soft start capacitor.
Upon switch-off due to latchable faults, the SIP32434A will
latch the power switch off and the PGD will remain low. The
switch can restart by resetting the EN or VIN. The SIP32434B
will auto retry if there is no OTP or OVP fault. The retry delay
time is 32 times the soft start time set by the CSS.
The switch is characterized for operation over a junction
temperature range of -40 °C to +125 °C.
APPLICATIONS
•Industrial
• IoT and smart home
• Medical and healthcare equipment
• Network and telecom equipment
• Data storage, solid state drives
•Computing
•PLC
•Lighting
• Gaming consoles
FEATURES
• 2.8 V to 23 V operation voltage
• 28 V max. voltage rating with 24 V internal OVP
• 33 m
 typical switch resistance
• 0.5 A to 6 A current limit setting range
• Current limit accuracy of ± 7 %
• Fast short circuit protection response
• OCP triggering without overhead current
• Programmable turn-on slew rate
• Turn-on delay: 190 μs
• Adjustable OVP (and fixed 24 V OVP at VIN)
•Adjustable UVLO
• Over-temperature protection
•ESD / HBM: > 2 kV
• ESD / CDM: > 750 V
• PGD: power good indicator output
• Compact TDFN10 3 mm x 3 mm package (for AEC-Q100
qualified
automotive
applications,
please
refer
to
SIPQ32434)
• Active reverse blocking feature available with SIP32433
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATION CIRCUIT
Fig. 1 - Application Circuit
EN / UVLO
GND
V
OUT
V
IN
OVP
SS
PGD
C
IN
R1
R2
R3
Power source
SIP32434
C
OUT
C
SS
I
LIM / IMON
5 V
PGD bias
I
OUT report
R
SET


Similar Part No. - SIP32434

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP32434 VISHAY-SIP32434 Datasheet
652Kb / 10P
eFuse Evaluation Board Manual
01-Mar-2022
SIP32434AEVB VISHAY-SIP32434AEVB Datasheet
652Kb / 10P
eFuse Evaluation Board Manual
01-Mar-2022
SIP32434BEVB VISHAY-SIP32434BEVB Datasheet
652Kb / 10P
eFuse Evaluation Board Manual
01-Mar-2022
More results

Similar Description - SIP32434

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25200-Q1 TI1-TPS25200-Q1 Datasheet
2Mb / 28P
5-V eFuse With Precision Adjustable Current Limit and Overvoltage Clamp
logo
Vishay Siliconix
SIP32429 VISHAY-SIP32429 Datasheet
580Kb / 14P
28 V, 56 m, Load Switch with Programmable Current Limit and Slew Rate Control
24-Oct-16
logo
Texas Instruments
TPS25946 TI-TPS25946 Datasheet
4Mb / 45P
TPS25946xx 2.7 - 23 V, 5.5 A, 28-m廓 eFuse with Bidirectional Current Support
logo
Vishay Siliconix
SIP32430 VISHAY-SIP32430_V01 Datasheet
1Mb / 17P
28 V, 99 mΩ, Load Switch with Programmable Current Limit and Slew Rate Control
06-Jul-2020
logo
Texas Instruments
TPS25981 TI-TPS25981 Datasheet
5Mb / 47P
TPS25981x 2.7 V??6 V, 10-A, 6-m廓 eFuse with Transient Overcurrent Blanking Timer
APRIL 2022
TPS25985 TI-TPS25985 Datasheet
5Mb / 61P
TPS25985x 4.5 V??6 V, 0.59-m廓, 70-A Stackable eFuse with Accurate and Fast Current Monitor
MAY 2022
logo
Littelfuse
LS1205EXD33 LITTELFUSE-LS1205EXD33 Datasheet
1Mb / 10P
18V, 5A eFuse with Programmable Current Limit and Output Voltage Clamp
GD. 09/20/22
logo
Texas Instruments
TPS25961 TI-TPS25961 Datasheet
3Mb / 37P
TPS25961 2.7-V–19-V, 106-mΩ, eFuse With Adjustable Current Limit and Short-Circuit Protection
DECEMBER 2022
logo
Vishay Siliconix
SIP32433 VISHAY-SIP32433_V01 Datasheet
640Kb / 22P
3.5 A, 78 m, 2.8 V to 23 V True Reverse Current Blocking eFuse With Programmable Current Limit and OVP
15-Aug-2022
logo
Texas Instruments
TPS25948 TI-TPS25948 Datasheet
4Mb / 56P
TPS25948xx 3.5-V–23-V, 13-mΩ, 8-A eFuse With True Reverse Current Blocking
FEBRUARY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com