Electronic Components Datasheet Search
  English  ▼

X  

SIP32434 Datasheet(PDF) 17 Page - Vishay Siliconix

Part # SIP32434
Description  6 A, 33 m, 2.8 V to 23 V, eFuse With Programmable Current Limit and OVP
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32434 Datasheet(HTML) 17 Page - Vishay Siliconix

Back Button SIP32434 Datasheet HTML 13Page - Vishay Siliconix SIP32434 Datasheet HTML 14Page - Vishay Siliconix SIP32434 Datasheet HTML 15Page - Vishay Siliconix SIP32434 Datasheet HTML 16Page - Vishay Siliconix SIP32434 Datasheet HTML 17Page - Vishay Siliconix SIP32434 Datasheet HTML 18Page - Vishay Siliconix SIP32434 Datasheet HTML 19Page - Vishay Siliconix SIP32434 Datasheet HTML 20Page - Vishay Siliconix SIP32434 Datasheet HTML 21Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
SIP32434
www.vishay.com
Vishay Siliconix
S22-0384-Rev. B, 02-May-2022
17
Document Number: 63147
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
The current limit mode could result in excessive power on the switch, which increases the TJ quickly. The SIP32434A and
SIP32434B have OTP, providing an enhanced level of production.
Once the device is off due to OCP or OTP faults, the SIP32434A stays in the latch-off state and the SIP32434B auto-retries after
32 times of the programmed soft start time. They can be reset by toggling VIN or EN / UVLO.
Fig. 39 - Over-Current Protection
Fig. 40 - Turn On Into Over-Current Load
Set ILIM
Logic latch off option, EN
toggling reset the latch
VOUT
PGD
EN/UVLO
TOCP
PGD is pulled through a resistor to an external voltage source
ISW
Over current event, Isw is
clamped at ILIM.
Enable power switch
into over current load
Switch on into
overcurrent load
Switch off after
clamping period
Auto-try option, switch stays
off for 32x Tss then re-starts
6ms
(4~8 ms)
delay (OCP)
IOUT
ILIM , OCP Threshold
VOUT
PGD
EN/UVLO
VIN
VOUT voltage will vary depending on the load
resistance and the current limit set threshold.
This is the 6 ms mer end point when there is no
OTP. In case of OTP, switch is off immediately
and PGD pulled low
PGD is pulled through a resistor to an external voltage source
SIP32434A switch will latch at off state. SIP32434B
will auto-retry. PGD remains low ll faults removed
and VOUT is up to spec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com