Electronic Components Datasheet Search
  English  ▼

X  

RM3545 Datasheet(PDF) 3 Page - TDK Electronics

Part # RM3545
Description  Inductors for power circuits Wound ferrite
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

RM3545 Datasheet(HTML) 3 Page - TDK Electronics

  RM3545 Datasheet HTML 1Page - TDK Electronics RM3545 Datasheet HTML 2Page - TDK Electronics RM3545 Datasheet HTML 3Page - TDK Electronics RM3545 Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
(3/4)
inductor_commercial_power_vlbuc12060120-f3_en.xml
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
20221202
INDUCTORS
VLBUC12060120 F3 type
■ SHAPE & DIMENSIONS
■ CIRCUIT DIAGRAM
■ RECOMMENDED LAND PATTERN
■ RECOMMENDED REFLOW PROFILE
■ PACKAGING STYLE
□ REEL DIMENSIONS
□ TAPE DIMENSIONS
□ PACKAGE QUANTITY
■ TEMPERATURE RANGE, INDIVIDUAL WEIGHT
* Operating temperature range includes self-temperature rise.
** The storage temperature range is for after the assembly.
12.0max.
6.0max.
0.1max.
(6.5)
(1.8)(2.5)
(1.6)
pin1
pin2
pin4
pin3
pin1
pin2
pin4
pin3
1
12.20
4.10
7.10
Natural
cooling
5s
60 to 120s
Preheating
30s
Soldering
230°C
230°C
250°C
180°C
150°C
Time
Peak
Type
A
B
K
VLBUC12060120 F3
(6.1)
(12.1)
(12.2)
Package quantity
300 pcs/reel
Operating
temperature range *
Storage
temperature range **
Individual
weight
-40 to +125 °C
-40 to +125 °C
4.02 g
ø13.0
ø21.2
2.0
ø330
(1.0)
Dimensions in mm
2
30.4
24.4
0.5
K
4.0
2.0
16.0
A
1.5
Dimensions in mm
Sprocket
hole
Cavity



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com