Electronic Components Datasheet Search
  English  ▼

X  

RM3545 Datasheet(PDF) 1 Page - TDK Electronics

Part # RM3545
Description  Inductors for power circuits Wound ferrite
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

RM3545 Datasheet(HTML) 1 Page - TDK Electronics

  RM3545 Datasheet HTML 1Page - TDK Electronics RM3545 Datasheet HTML 2Page - TDK Electronics RM3545 Datasheet HTML 3Page - TDK Electronics RM3545 Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
(1/4)
inductor_commercial_power_vlbuc12060120-f3_en.xml
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
20221202
INDUCTORS
Inductors for power circuits
Wound ferrite
VLBUC series
VLBUC12060120 F3 type
■ FEATURES
◯ The VLBUC series is a dual coil power inductor developed for TLVR (*).
◯ Compatible with withstand voltage between coils DC100V
◯ It is a narrow width (6 mm) inductor for phase operation and fits the design of the server VR14 generation.
◯ Operating temperature range: –40 to +125°C (including self-temperature rise)
* TLVR (= Trans-Inductor Voltage Regulators) is a circuit configuration that improves the load response of voltage regulators in Server
applications, etc.
■ APPLICATION
◯ Trans-Inductor Voltage Regulators (TLVR)
■ PART NUMBER CONSTRUCTION
■ CHARACTERISTICS SPECIFICATION TABLE
* Rated current: smaller value of either Isat or Itemp.
Isat: When based on the inductance change rate (20% below the initial value, under an environment of 20°C)
Itemp: When based on the temperature increase (temperature increase of 40°C by self heating)
□ Measurement equipment
* Equivalent measurement equipment may be used.
VLBUC
12060120
R07
M
F3
Series name
L×W×H dimensions
12.0×6.0×12.0mm max.
Inductance
(nH)
Inductance
tolerance
Internal code
L
Measuring
frequency
DC resistance
Rated current*
Part No.
(nH)
(kHz)
(mΩ)
Isat(A typ.)
Itemp(A typ.)
Primary
coil
Secondary
coil
Primary
coil
Secondary
coil
Primary
coil
Secondary
coil
Primary
coil
1-4 Line
2-3 Line
1-4 Line
2-3 Line
1-4 Line
2-3 Line
1-4 Line
(2-3 open) (1-4 open)
(2-3 open)
(1-4 open)
(2-3 open)
(1-4 open)
(2-3 open)
70±20%
60±20%
100
0.125±10%
0.45±10%
155
155
70
VLBUC12060120R07MF3
75±20%
65±20%
100
0.125±10%
0.45±10%
148
148
70
VLBUC12060120R08MF3
90±15%
90±15%
100
0.125±10%
0.45±10%
138
138
70
VLBUC12060120R09LF3
105±15%
105±15%
100
0.125±10%
0.45±10%
125
125
70
VLBUC12060120R10LF3
120±15%
120±15%
100
0.125±10%
0.45±10%
106
106
70
VLBUC12060120R12LF3
150±15%
150±15%
100
0.125±10%
0.45±10%
82
82
70
VLBUC12060120R15LF3
170±15%
170±15%
100
0.125±10%
0.45±10%
70
70
70
VLBUC12060120R17LF3
200±15%
200±15%
100
0.125±10%
0.45±10%
58
58
70
VLBUC12060120R20LF3
Measurement item
Product No.
Manufacturer
LIM3536
HIOKI
DC resistance
RM3545
HIOKI
Rated current Isat
3260+3265B
Wayne Kerr Electronics


Similar Part No. - RM3545

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
RM3542 ASM-SENSOR-RM3542 Datasheet
2Mb / 8P
An Evolution in Stable Measurements
RM3542A ASM-SENSOR-RM3542A Datasheet
2Mb / 8P
An Evolution in Stable Measurements
More results

Similar Description - RM3545

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
VLS2012ET-4R7M TDK-VLS2012ET-4R7M Datasheet
7Mb / 53P
Inductors for Power Circuits Wound Ferrite
VLCF4024T-101MR30-2 TDK-VLCF4024T-101MR30-2 Datasheet
5Mb / 41P
Inductors for Power Circuits Wound Ferrite
VLP8040T-221M TDK-VLP8040T-221M Datasheet
1Mb / 13P
Inductors for Power Circuits Wound Ferrite
VLS3015ET-2R2M TDK-VLS3015ET-2R2M Datasheet
742Kb / 53P
Inductors for Power Circuits Wound Ferrite
CLF6045T-100M TDK-CLF6045T-100M Datasheet
127Kb / 9P
Inductors for Power Circuits Wound Ferrite
RLF7030T-4R7M3R4 TDK-RLF7030T-4R7M3R4_16 Datasheet
128Kb / 9P
Inductors for Power Circuits Wound Ferrite
RLF12545T-100M5R1-PF TDK-RLF12545T-100M5R1-PF_16 Datasheet
137Kb / 9P
Inductors for Power Circuits Wound Ferrite
SLF6025T-100M1R0-PF TDK-SLF6025T-100M1R0-PF_16 Datasheet
137Kb / 9P
Inductors for Power Circuits Wound Ferrite
SLF7055T-100M2R5-3PF TDK-SLF7055T-100M2R5-3PF_16 Datasheet
141Kb / 9P
Inductors for Power Circuits Wound Ferrite
SLF10165T-4R7N4R73PF TDK-SLF10165T-4R7N4R73PF Datasheet
143Kb / 9P
Inductors for Power Circuits Wound Ferrite
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com