Electronic Components Datasheet Search
  English  ▼

X  

PE3C7967 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3C7967
Description  N Male to N Male Right Angle Low PIM Cable 50 CM Length Using TFT-402 Coax Using Times Microwave Components
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C7967 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3C7967 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C7967 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C7967 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C7967 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3C7967 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
-
Pasternack does not make
2
Capacitance
26.7 [87.6]
pF/ft [pF/m]
DC Resistance Inner Conductor
8.5 [27.89]
Ω/1000ft [Ω/Km]
DC Resistance Outer Conductor
5.6 [18.37]
Ω/1000ft [Ω/Km]
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
0.25
0.5
1
2.5
5.8
GHz
Insertion Loss (Typ.)
0.24
0.29
0.37
0.54
0.77
dB
.
Electrical Specification Notes:
The Insertion Loss data above is based on the performance specifications of the coax and connectors used in this
assembly. The Insertion Loss includes an estimated insertion loss of 0.1*SQRT(FGHz) dB for the straight connector
and 0.1 dB for the right angle connector.
Mechanical Specifications
Cable Assembly
.
Cable
Cable Type
TFT-402
Impedance
50 Ohms
Inner Conductor Type
Solid
Inner Conductor Material and Plating
Copper, Silver
Dielectric Type
PTFE
Number of Shields
2
Shield Layer 1
Silver Plated Copper Braid
Shield Layer 2
Tinned Copper Braid
Jacket Material
FEP, Blue
Jacket Diameter
0.16 in [4.06 mm]
.
One Time Minimum Bend Radius
0.75 in [19.05 mm]
PE3C7967-50CM REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male to N Male Right Angle Low PIM Cable 50 CM Length Using TFT-402 Coax Using
Times Microwave Components PE3C7967-50CM
RF Cable Assemblies Technical Data Sheet
PE3C7967-50CM
N Male to N Male Right Angle Low PIM Cable 50 CM Length
Using TFT-402 Coax Using Times Microwave Components



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com