Electronic Components Datasheet Search
  English  ▼

X  

PE3C7967 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C7967
Description  N Male to N Male Right Angle Low PIM Cable 50 CM Length Using TFT-402 Coax Using Times Microwave Components
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C7967 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C7967 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C7967 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C7967 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C7967 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3C7967 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
-
Pasternack does not make
1
Configuration
• Connector 1: N Male
• Connector 2: N Male Right Angle
• Cable Type: TFT-402
Features
• Max Frequency 5.8 GHz
• Low PIM: -160 dBc Max
• Shielding Effectivity > -80 dB
• 76% Phase Velocity
• Double Shielded
• FEP Jacket
Applications
• General Purpose
• Laboratory Use
• Low PIM Applications
• Indoor and Outdoor Use
• Plenum Rated Applications
.
Description
Pasternack’s PE3C7967-50CM type N male to type N male right angle 50 cm cable using TFT-402 coax is part of our full line
of RF components available for same-day shipping. Pasternack’s flexible RF cable assemblies are ideal for applications where
tight bends and flexure are required. This Pasternack type N to type N cable assembly has a male to male gender configura-
tion with 50 ohm flexible TFT-402 coax. The PE3C7967-50CM type N male to type N male cable assembly operates to 5.8
GHz. Our low PIM design also offers excellent passive intermodulation performance with PIM levels better than -160 dBc. The
right angle type N interface on the TFT-402 cable allows for easier connections in tight spaces. The double shielding of this
Pasternack cable assembly provides excellent shielding effectiveness of better than -80 dB.
Custom versions of most RF cable assemblies can be built and shipped same day. Custom cable assembly lengths can be
obtained by specifying the desired length on the web site at time of order or by contacting a sales representative. Other avail-
able RF cable assembly value added services include connector orientation or clocking, heat shrink booting and custom label-
ing. RF testing can also be performed to document the electrical performance of your cable assembly.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
5.8
GHz
VSWR
1.4:1
Velocity of Propagation
76
%
RF Shielding
-80
dB
Passive Intermodulation
-160
dBc
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male to N Male Right Angle Low PIM Cable 50 CM Length Using TFT-402 Coax Using
Times Microwave Components PE3C7967-50CM
PE3C7967-50CM REV 1.1
N Male to N Male Right Angle Low PIM Cable 50 CM Length
Using TFT-402 Coax Using Times Microwave Components
RF Cable Assemblies Technical Data Sheet
PE3C7967-50CM


Similar Part No. - PE3C7967

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C7966 PASTERNACK-PE3C7966 Datasheet
724Kb / 5P
N Male to N Male Low PIM Cable 12 Inch Length Using TFT-402 Coax Using Times Microwave Components
REV 1.1
PE3C7966 PASTERNACK-PE3C7966 Datasheet
725Kb / 5P
N Male to N Male Low PIM Cable 60 Inch Length Using TFT-402 Coax Using Times Microwave Components
REV 1.1
PE3C7966-100CM PASTERNACK-PE3C7966-100CM Datasheet
724Kb / 5P
N Male to N Male Low PIM Cable 12 Inch Length Using TFT-402 Coax Using Times Microwave Components
REV 1.1
PE3C7966-100CM PASTERNACK-PE3C7966-100CM Datasheet
725Kb / 5P
N Male to N Male Low PIM Cable 60 Inch Length Using TFT-402 Coax Using Times Microwave Components
REV 1.1
PE3C7966-12 PASTERNACK-PE3C7966-12 Datasheet
724Kb / 5P
N Male to N Male Low PIM Cable 12 Inch Length Using TFT-402 Coax Using Times Microwave Components
REV 1.1
More results

Similar Description - PE3C7967

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C0967-50CM PASTERNACK-PE3C0967-50CM Datasheet
1Mb / 5P
N Male Right Angle to N Male Right Angle Low LossCable 50 cm Length Using PE-P142LL Coax, RoHS
PE3C3240-50CM PASTERNACK-PE3C3240-50CM Datasheet
414Kb / 4P
N Male to N Male Right Angle Low Loss Test Cable 50 cm Length Using PE-P300LL Coax, RoHS
PE3C4139-100CM PASTERNACK-PE3C4139-100CM Datasheet
504Kb / 6P
Plenum N Male Right Angle to N Male Low PIM Cable 100 CM Length Using SPP-250-LLPL Coax, RoHS
PE3C4139-200CM PASTERNACK-PE3C4139-200CM Datasheet
504Kb / 6P
Plenum N Male Right Angle to N Male Low PIM Cable 200 CM Length Using SPP-250-LLPL Coax, RoHS
PE3C4145-100CM PASTERNACK-PE3C4145-100CM Datasheet
502Kb / 6P
Plenum N Male Right Angle to N Male Right Angle Low PIM Cable 100 CM Length Using SPP-250-LLPL Coax, RoHS
PE3C4145-200CM PASTERNACK-PE3C4145-200CM Datasheet
502Kb / 6P
Plenum N Male Right Angle to N Male Right Angle Low PIM Cable 200 CM Length Using SPP-250-LLPL Coax, RoHS
PE3C6360-150CM PASTERNACK-PE3C6360-150CM Datasheet
751Kb / 5P
Fire Rated N Male to N Male Low PIM Cable 150 cm Length Using SPF-250 Coax Using Times Microwave Parts
REV 1.2
PE3C6374-200CM PASTERNACK-PE3C6374-200CM Datasheet
853Kb / 6P
Fire Rated N Male to N Male Low PIM Cable 200 cm Length Using SPF-500 Coax Using Times Microwave Parts
REV 1.1
PE3C7966-12 PASTERNACK-PE3C7966-12 Datasheet
724Kb / 5P
N Male to N Male Low PIM Cable 12 Inch Length Using TFT-402 Coax Using Times Microwave Components
REV 1.1
PE3C7966-60 PASTERNACK-PE3C7966-60 Datasheet
725Kb / 5P
N Male to N Male Low PIM Cable 60 Inch Length Using TFT-402 Coax Using Times Microwave Components
REV 1.1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com