Electronic Components Datasheet Search
  English  ▼

X  

TLP352 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TLP352
Description  Photocouplers GaAℓAs Infrared LED & Photo IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP352 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLP352 Datasheet HTML 1Page - Toshiba Semiconductor TLP352 Datasheet HTML 2Page - Toshiba Semiconductor TLP352 Datasheet HTML 3Page - Toshiba Semiconductor TLP352 Datasheet HTML 4Page - Toshiba Semiconductor TLP352 Datasheet HTML 5Page - Toshiba Semiconductor TLP352 Datasheet HTML 6Page - Toshiba Semiconductor TLP352 Datasheet HTML 7Page - Toshiba Semiconductor TLP352 Datasheet HTML 8Page - Toshiba Semiconductor TLP352 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
TLP352,TLP352F
5
9.
9.
9.
9. Recommended Operating Conditions (Note)
Recommended Operating Conditions (Note)
Recommended Operating Conditions (Note)
Recommended Operating Conditions (Note)
Characteristics
Input on-state current
Input off-state voltage
Supply voltage
Peak high-level output current
Peak low-level output current
Operating frequency
Symbol
IF(ON)
VF(OFF)
VCC
IOPH
IOPL
f
Note
(Note 1)
(Note 2)
(Note 3)
Min
6.5
0
15
Typ.
Max
10
0.8
30
-2.0
+2.0
50
Unit
mA
V
A
kHz
Note:
The recommended operating conditions are given as a design guide necessary to obtain the intended
performance of the device. Each parameter is an independent value. When creating a system design using
this device, the electrical characteristics specified in this datasheet should also be considered.
Note:
A ceramic capacitor (0.1 µF) should be connected between pin 8 and pin 5 to stabilize the operation of a high-
gain linear amplifier. Otherwise, this photocoupler may not switch properly. The bypass capacitor should be
placed within 1 cm of each pin.
Note:
If the rising slope of the supply voltage(VCC) for the detector is steep,stable operation of the internal circuits
cannot be guaranteed.
Be sure to set 3.0 V/µs or less for a rising slope of the VCC.
Note 1: The rise and fall times of the input on-current should be less than 0.5 µs.
Note 2: Denotes the operating range, not the recommended operating condition.
Note 3: Exponential waveform. IOPH ≥ -2.0 A (≤ 0.3 µs), IOPL ≤ 2.0 A (≤ 0.3 µs), Ta = 125 
10.
10.
10.
10. Electrical Characteristics (Note) (Unless otherwise specified, T
Electrical Characteristics (Note) (Unless otherwise specified, T
Electrical Characteristics (Note) (Unless otherwise specified, T
Electrical Characteristics (Note) (Unless otherwise specified, Taaaa = -40 to 125
= -40 to 125
= -40 to 125
= -40 to 125 
))))
Characteristics
Input forward voltage
Input forward voltage
temperature coefficient
Input reverse current
Input capacitance
Peak high-level output current
Peak low-level output current
High-level output voltage
Low-level output voltage
High-level supply current
Low-level supply current
Threshold input current (L/H)
Threshold input voltage (H/L)
Supply voltage
UVLO threshold voltage
UVLO hysteresis
Symbol
VF
∆VF/∆Ta
IR
Ct
IOPH
IOPL
VOH
VOL
ICCH
ICCL
IFLH
VFHL
VCC
VUVLO+
VUVLO-
UVLOHYS
Note
(Note 1)
(Note 1)
Test
Circuit
Fig.
13.1.1
Fig.
13.1.2
Fig.
13.1.3
Fig.
13.1.4
Fig.
13.1.5
Fig.
13.1.6
Test Condition
IF = 10 mA, Ta = 25 
IF = 10 mA
VR = 5 V, Ta = 25 
V = 0 V, f = 1 MHz, Ta = 25 
IF = 5 mA, VCC = 30 V,
V8-6 = -3.5 V
IF = 5 mA, VCC = 15 V,
V8-6 = -7.0 V
IF = 0 mA, VCC = 30 V,
V6-5 = 2.5 V
IF = 0 mA, VCC = 15 V,
V6-5 = 7.0 V
IF = 5 mA, RL = 200 Ω,
VCC1 = +15 V, VEE1 = -15 V
VF = 0.8 V, RL = 200 Ω,
VCC1 = +15 V, VEE1 = -15 V
IF = 10 mA, VCC = 30 V,
VO = Open
IF = 0 mA, VCC = 30 V,
VO = Open
VCC = 15 V, VO > 1 V
VCC = 15 V, VO < 1 V
IF = 5 mA, VO > 2.5 V
IF = 5 mA, VO < 2.5 V
Min
1.4
1.0
2.0
11.0
0.8
15
11.0
9.5
Typ.
1.55
-2.0
95
-1.6
1.6
13.7
-14.9
1.5
1.5
1.0
12.5
11.0
1.5
Max
1.7
10
-1.0
-2.0
-12.5
3.0
3.0
5
30
13.5
12.0
Unit
V
mV/
µA
pF
A
V
mA
V
Note:
All typical values are at Ta = 25 .
Note:
This device is designed for low power consumption, making it more sensitive to ESD than its predecessors.
Extra care should be taken in the design of circuitry and pc board implementation to avoid ESD problems.
Note 1: IO application time ≤ 50 µs, single pulse.
2016-09-27
Rev.7.0
©2016 Toshiba Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com