Electronic Components Datasheet Search
  English  ▼

X  

TLP352 Datasheet(PDF) 16 Page - Toshiba Semiconductor

Part # TLP352
Description  Photocouplers GaAℓAs Infrared LED & Photo IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP352 Datasheet(HTML) 16 Page - Toshiba Semiconductor

Back Button TLP352 Datasheet HTML 12Page - Toshiba Semiconductor TLP352 Datasheet HTML 13Page - Toshiba Semiconductor TLP352 Datasheet HTML 14Page - Toshiba Semiconductor TLP352 Datasheet HTML 15Page - Toshiba Semiconductor TLP352 Datasheet HTML 16Page - Toshiba Semiconductor TLP352 Datasheet HTML 17Page - Toshiba Semiconductor TLP352 Datasheet HTML 18Page - Toshiba Semiconductor TLP352 Datasheet HTML 19Page - Toshiba Semiconductor TLP352 Datasheet HTML 20Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
TLP352,TLP352F
16
Package Dimensions
Package Dimensions
Package Dimensions
Package Dimensions
Unit: mm
TLP352
Weight: 0.54 g (typ.)
Package Name(s)
TOSHIBA: 11-10C4S
2016-09-27
Rev.7.0
©2016 Toshiba Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com