Electronic Components Datasheet Search
  English  ▼

X  

AD1835AAS Datasheet(PDF) 1 Page - Analog Devices

Part # AD1835AAS
Description  2 ADC, 8 DAC, 96 kHz, 24-Bit Codecs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1835AAS Datasheet(HTML) 1 Page - Analog Devices

  AD1835AAS Datasheet HTML 1Page - Analog Devices AD1835AAS Datasheet HTML 2Page - Analog Devices AD1835AAS Datasheet HTML 3Page - Analog Devices AD1835AAS Datasheet HTML 4Page - Analog Devices AD1835AAS Datasheet HTML 5Page - Analog Devices AD1835AAS Datasheet HTML 6Page - Analog Devices AD1835AAS Datasheet HTML 7Page - Analog Devices AD1835AAS Datasheet HTML 8Page - Analog Devices AD1835AAS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
AD1835A
2 ADC, 8 DAC,
96 kHz, 24-Bit - Codecs
FEATURES
5 V Stereo Audio System with 3.3 V Tolerant Digital
Interface
Supports up to 96 kHz Sample Rates
192 kHz Sample Rate Available on 1 DAC
Supports 16-/20-/24-Bit Word Lengths
Multibit
-
Modulators with
Perfect Differential Linearity Restoration for
Reduced Idle Tones and Noise Floor
Data Directed Scrambling DACs—Least
Sensitive to Jitter
Differential Output for Optimum Performance
ADCs: –95 dB THD + N, 105 dB SNR and
Dynamic Range
DACs: –95 dB THD + N, 108 dB SNR and
Dynamic Range
On-Chip Volume Controls per Channel with
1024-Step Linear Scale
DAC and ADC Software Controllable Clickless Mutes
Digital De-emphasis Processing
FUNCTIONAL BLOCK DIAGRAM
OUTLP1
OUTLN1
OUTRP1
OUTRN1
CONTROL PORT
CLOCK
FILTD
FILTR
ADCLP
ADCLN
ADCRP
ADCRN
DLRCLK
DBCLK
DSDATA1
DSDATA2
DSDATA3
DSDATA4
MCLK
ASDATA
ABCLK
ALRCLK
ODVDD
DVDD
AVDD
AVDD
DVDD
AGND
AGND
AGND
AGND
DGND
DGND
CIN
CLATCH
CCLK
COUT
DIGITAL
FILTER
PD/RST M/S
-
ADC
SERIAL DATA
I/O PORT
VREF
VOLUME
DIGITAL
FILTER
VOLUME
-
DAC
DIGITAL
FILTER
-
ADC
AD1835A
VOLUME
DIGITAL
FILTER
VOLUME
-
DAC
VOLUME
DIGITAL
FILTER
VOLUME
-
DAC
VOLUME
DIGITAL
FILTER
VOLUME
-
DAC
OUTLP2
OUTLN2
OUTRP2
OUTRN2
OUTLP3
OUTLN3
OUTRP3
OUTRN3
OUTLP4
OUTLN4
OUTRP4
OUTRN4
PRODUCT OVERVIEW
The AD1835A is a high performance, single-chip codec fea-
turing four stereo DACs and one stereo ADC. Each DAC
comprises a high performance digital interpolation filter, a
multibit
-
modulator featuring Analog Devices’ patented
technology, and a continuous-time voltage out
(continued on page 11)
Supports 256
fS, 512
fS, and 768
fS Master
Mode Clocks
Power-Down Mode Plus Soft Power-Down Mode
Flexible Serial Data Port with Right-Justified, Left-
Justified, I2S Compatible, and DSP Serial Port Modes
TDM Interface Mode Supports 8-In/8-Out Using a
Single SHARC
® SPORT
52-Lead MQFP Plastic Package
APPLICATIONS
DVD Video and Audio Players
Home Theater Systems
Automotive Audio Systems
Audio/Visual Receivers
Digital Audio Effects Processors


Similar Part No. - AD1835AAS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1835AAS AD-AD1835AAS Datasheet
239Kb / 24P
2 ADC, 8 DAC, 96 kHz, 24-Bit Codecs
REV. A
AD1835AAS-REEL AD-AD1835AAS-REEL Datasheet
239Kb / 24P
2 ADC, 8 DAC, 96 kHz, 24-Bit Codecs
REV. A
AD1835AASZ AD-AD1835AASZ Datasheet
239Kb / 24P
2 ADC, 8 DAC, 96 kHz, 24-Bit Codecs
REV. A
AD1835AASZ-REEL AD-AD1835AASZ-REEL Datasheet
239Kb / 24P
2 ADC, 8 DAC, 96 kHz, 24-Bit Codecs
REV. A
More results

Similar Description - AD1835AAS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1837 AD-AD1837 Datasheet
523Kb / 24P
2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
7/03-Data Sheet changed from REV. A to REV. B.
AD1835 AD-AD1835 Datasheet
326Kb / 23P
2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
AD1838 AD-AD1838 Datasheet
424Kb / 24P
2 ADC, 6 DAC,96 kHz, 24-Bit Codec
REV.0
AD1837A AD-AD1837A Datasheet
401Kb / 24P
2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
1/04-Data Sheet changed from REV. 0 to REV. A.
EVAL-AD1835AEB AD-EVAL-AD1835AEB Datasheet
239Kb / 24P
2 ADC, 8 DAC, 96 kHz, 24-Bit Codecs
REV. A
AD1835 AD-AD1835_15 Datasheet
705Kb / 24P
2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. B
AD1835A AD-AD1835A_15 Datasheet
281Kb / 24P
2 ADC, 8 DAC, 96 kHz, 24-Bit Codecs
REV. A
AD1837 AD-AD1837_15 Datasheet
533Kb / 24P
2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. B
AD1837A AD-AD1837A_15 Datasheet
407Kb / 24P
2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. A
AD1838A AD-AD1838A_15 Datasheet
537Kb / 24P
2 ADC, 6 DAC, 96 kHz, 24-Bit Codec
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com