Electronic Components Datasheet Search
  English  ▼

X  

MAAPSS0095 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MAAPSS0095
Description  RF Power Amplifier for RFID 850 - 960 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPSS0095 Datasheet(HTML) 1 Page - Tyco Electronics

  MAAPSS0095 Datasheet HTML 1Page - Tyco Electronics MAAPSS0095 Datasheet HTML 2Page - Tyco Electronics MAAPSS0095 Datasheet HTML 3Page - Tyco Electronics MAAPSS0095 Datasheet HTML 4Page - Tyco Electronics MAAPSS0095 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
RF Power Amplifier for RFID
850 - 960 MHz
MAAPSS0095
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
1
RoHS
Compliant
Features
• Single Supply Voltage
• Covers International RFID Band
902 - 928 MHz, US
865 - 868 MHz, EU
948 - 958 MHz, Japan
• High Gain 3 Stage HBT Design
• High Efficiency: 50 %
• Lead-Free 3 mm 16-Lead PQFN Package
• 100% Matte Tin Plating
• Halogen-Free “Green” Mold Compound
• RoHS* Compliant and 260°C Re-flow Compatible
Description
M/A-COM’s MAAPSS0095 is a high power three
stage HBT power amplifier tuned to operate in the
RFID bands in the US, the EU and Japan.
The MAAPSS0095 can also be used in other
applications where high power and high efficiency
are required, such as remote meter reading,
electronic vehicle toll systems and ISM applications
at 900 MHz. The high power and efficiency at 3.3 V
make
the
MAAPSS0095
ideal
for
mobile
applications.
The MAAPSS0095 is packaged in a lead-free 3 mm,
16-lead PQFN package and includes bias networks
that can be controlled by analog signals to switch
from active to standby modes.
M/A-COM fabricates the MAAPSS0095 using a
proprietary InGaP/GaAs HBT process for improved
performance over temperature, higher reliability, and
improved manufacturability.
Functional Block Diagram
Ordering Information1
Part Number
Package
MAAPSS0095TR
1000 piece reel
MAAPSS0095SMB
Sample Test Board
MAAPSS0095TR-3000
3000 piece reel
1. Reference Application Note M513 for reel size information.
Pin Configuration
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
2. The exposed pad centered on the package bottom must be
connected to RF and DC ground.
Pin
Pin Name
Description
1
N/C
No Connection
2
RFIN
RF Input
3
N/C
No Connection
4
VCC1
1st Stage Supply
5
VCS
Bias Supply Voltage
6
N/C
No Connection
7
VCC2
2nd Stage Supply
8
N/C
No Connection
9
RFOUT /VCC3
RF Output, 3rd Stage Supply
10
RFOUT /VCC3
RF Output, 3rd Stage Supply
11
RFOUT /VCC3
RF Output, 3rd Stage Supply
12
RFOUT /VCC3
RF Output, 3rd Stage Supply
13
N/C
No Connection
14
N/C
No Connection
15
N/C
No Connection
16
VCTRL
Control Voltage
17
Paddle2
RF & DC Ground


Similar Part No. - MAAPSS0095

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPSS0093 MACOM-MAAPSS0093 Datasheet
336Kb / 7P
RF Power Amplifier IC For 2.5 GHz ISM
MAAPSS0093SMB MACOM-MAAPSS0093SMB Datasheet
336Kb / 7P
RF Power Amplifier IC For 2.5 GHz ISM
MAAPSS0093TR-3000 MACOM-MAAPSS0093TR-3000 Datasheet
336Kb / 7P
RF Power Amplifier IC For 2.5 GHz ISM
MAAPSS0096 MACOM-MAAPSS0096 Datasheet
366Kb / 6P
1 Watt Power Amplifier 4.9 - 6.0 GHz
MAAPSS0096SMB MACOM-MAAPSS0096SMB Datasheet
366Kb / 6P
1 Watt Power Amplifier 4.9 - 6.0 GHz
More results

Similar Description - MAAPSS0095

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW916 MOTOROLA-MHW916 Datasheet
83Kb / 4P
16 WATT 925-960 MHz RF POWER AMPLIFIER
logo
STMicroelectronics
SD1398 STMICROELECTRONICS-SD1398 Datasheet
72Kb / 6P
RF & MICROWAVE TRANSISTORS 850-960 MHz APPLICATIONS
08-Sep-1993
logo
Ericsson
PTB20167 ERICSSON-PTB20167 Datasheet
47Kb / 3P
60 Watts, 850-960 MHz RF Power Transistor
logo
Tyco Electronics
PH0810-15 MACOM-PH0810-15 Datasheet
30Kb / 2P
Wireless Power Transistor 15 Watts, 850 - 960 MHz
PH081O-35 MACOM-PH081O-35 Datasheet
206Kb / 3P
Wireless Bipolar Power Transistor, 35W 850 - 960 MHz
logo
Motorola, Inc
MHVIC910HR2 MOTOROLA-MHVIC910HR2 Datasheet
222Kb / 12P
921 MHz - 960 MHz SiFET RF Integrated Power Amplifier
logo
Freescale Semiconductor...
MHVIC910HNR2 FREESCALE-MHVIC910HNR2 Datasheet
337Kb / 12P
921 MHz-960 MHz SiFET RF Integrated Power Amplifier
logo
Tyco Electronics
MAIA-007851-000100 MACOM-MAIA-007851-000100 Datasheet
210Kb / 5P
Transmit Module for RFID 850 - 960 MHz
logo
M/A-COM Technology Solu...
MAIA-007851-000100 MA-COM-MAIA-007851-000100 Datasheet
163Kb / 9P
Transmit Module for RFID 850-960 MHz
logo
NXP Semiconductors
MHVIC910HNR2 NXP-MHVIC910HNR2 Datasheet
770Kb / 12P
921 MHz--960 MHz SiFET RF Integrated Power Amplifier
Rev. 9, 5/2006
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com