Electronic Components Datasheet Search
  English  ▼

X  

MAAPSS0095 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MAAPSS0095
Description  RF Power Amplifier for RFID 850 - 960 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPSS0095 Datasheet(HTML) 3 Page - Tyco Electronics

  MAAPSS0095 Datasheet HTML 1Page - Tyco Electronics MAAPSS0095 Datasheet HTML 2Page - Tyco Electronics MAAPSS0095 Datasheet HTML 3Page - Tyco Electronics MAAPSS0095 Datasheet HTML 4Page - Tyco Electronics MAAPSS0095 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RF Power Amplifier for RFID
850 - 960 MHz
MAAPSS0095
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
3
RoHS
Compliant
Evaluation Board Schematic
Component
Value
Foot
Print
Manufacturer
C1, C7, C11
100 pF
0402
Murata
C2, C3, C8, C9 3.3 µF
1208
Kemet
C4
20 pF
603
ATC 600 S
C5
8.2 pF
603
ATC 600 S
C6, C10
1000 pF 0402
Murata
C12
39 pF
603
ATC 600 S
L1
5.6 nH
-
Coilcraft 0906-5J
L2, L3
22 nH
0402
Toko
R1
0 Ohms
0402
-
TL1
50 Ω, 8° @ 900 MHz
TL2
50 Ω, 4.4° @ 900 MHz
TL3
50 Ω, 17.5° @ 900 MHz
TL4
50 Ω, 2.9° @ 900 MHz
TL5
50 Ω, 19.5° @ 900 MHz
MAAPSS0095 External Parts List
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Recommended PCB Configuration
Functional Schematic



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com