Electronic Components Datasheet Search
  English  ▼

X  

MAAPSS0096 Datasheet(PDF) 5 Page - Tyco Electronics

Part # MAAPSS0096
Description  1 Watt Power Amplifier 4.9 - 6.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPSS0096 Datasheet(HTML) 5 Page - Tyco Electronics

  MAAPSS0096 Datasheet HTML 1Page - Tyco Electronics MAAPSS0096 Datasheet HTML 2Page - Tyco Electronics MAAPSS0096 Datasheet HTML 3Page - Tyco Electronics MAAPSS0096 Datasheet HTML 4Page - Tyco Electronics MAAPSS0096 Datasheet HTML 5Page - Tyco Electronics MAAPSS0096 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1 Watt Power Amplifier
4.9 - 6.0 GHz
MAAPSS0096
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
•
North America Tel: 800.366.2266 / Fax: 978.366.2266
•
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
•
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
5
RoHS
Compliant
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
25
50
75
100
125
150
175
Tc (°C)
Typical Performance Curves
Input Return Loss, PIN = + 12 dBm, VDD = 7 V
Input Return Loss, PIN = + 12 dBm, VDD = 5 V
Stage 2 Dissipated Power vs. Case Temperature
Freq = 5.25 GHz, VDD = 7 V
Output Power & Gain vs. Input Power
Freq = 5.80 GHz, VDD = 7 V
1-dB Compression, VDD = 7 V, IDQ = 0.360 A
15
20
25
30
35
1357
9
11
13
15
Pout
Gain
Pin (dBm)
18
20
22
24
26
28
30
32
0.20
0.22
0.24
0.26
0.28
0.30
0.32
0.34
0.36
P1dB
Gain
IDQ (A)
-27
-24
-21
-18
-15
-12
-9
-6
-3
4.0
4.5
5.0
5.5
6.0
6.5
- 25 deg. C
50 deg. C
70 deg. C
FREQUENCY (GHz)
-27
-24
-21
-18
-15
-12
-9
-6
-3
4.0
4.5
5.0
5.5
6.0
6.5
- 25 deg. C
50 deg. C
70 deg. C
FREQUENCY (GHz)
24
26
28
30
32
5.05.2
5.4
5.6
5.86.0
Frequency(GHz)
P1dB, Gain vs. Quiescent Bias, VDD = 7 V,
Freq = 5.8 GHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com