Electronic Components Datasheet Search
  English  ▼

X  

MAAPSS0096 Datasheet(PDF) 6 Page - Tyco Electronics

Part # MAAPSS0096
Description  1 Watt Power Amplifier 4.9 - 6.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPSS0096 Datasheet(HTML) 6 Page - Tyco Electronics

  MAAPSS0096 Datasheet HTML 1Page - Tyco Electronics MAAPSS0096 Datasheet HTML 2Page - Tyco Electronics MAAPSS0096 Datasheet HTML 3Page - Tyco Electronics MAAPSS0096 Datasheet HTML 4Page - Tyco Electronics MAAPSS0096 Datasheet HTML 5Page - Tyco Electronics MAAPSS0096 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
1 Watt Power Amplifier
4.9 - 6.0 GHz
MAAPSS0096
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
•
North America Tel: 800.366.2266 / Fax: 978.366.2266
•
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
•
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
6
RoHS
Compliant
4.25
4.50
4.75
5.00
5.25
5.50
5.75
5.725
5.750
5.775
5.800
5.825
Frequency (GHz)
VDD = 7 V
VDD = 5 V
Noise Figure
Typical Performance Curves
Lead-Free 4 mm 16-Lead PQFN†
†
Reference Application Note M538 for lead-free solder reflow recommendations.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com