Electronic Components Datasheet Search
  English  ▼

X  

MABACT0018 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MABACT0018
Description  1:4 RF flux coupled step-up transformer 5.0 - 200 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MABACT0018 Datasheet(HTML) 1 Page - Tyco Electronics

  MABACT0018 Datasheet HTML 1Page - Tyco Electronics MABACT0018 Datasheet HTML 2Page - Tyco Electronics MABACT0018 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Parameter
Frequency (MHz)
Units
Min.
Typ.
Max.
Frequency Range.
5 – 65
65 - 200
-
-
-
-
-
-
-
-
Insertion Loss.
5 – 65
65 - 200
dB
dB
-
-
0.40
0.90
0.7
1.5
Amp Balance.
5 – 65
65 - 200
dB
dB
-
0.02
0.20
0.1
0.5
Phase Balance.
5 – 65
65 - 200
°
°
-
-
0.40
2.0
2.0
8.0
Input Return Loss.
5 – 65
65 - 200
dB
dB
15.0
7.0
22.0
11.0
-
-
Features
• Surface mount
• 1:4 Impedance
• CT on Secondary
• Available on Tape & Reel
Description
M/A Com’s MABACT0018 is a 1:4 RF flux coupled
step-up transformer in a low cost, surface mount
package. Ideally suited for high volume cellular & wireless
applications. Typical applications include single to balance
mode conversion and impedance matching.
Electrical Specifications @ 25
°C
MABACT0018
5.0 – 200 MHz
Note: Specifications subject to change without notice.
SM-138-A
Note:SM-138-A incorporates the Plastic Disk


Similar Part No. - MABACT0018

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABACT0018 MA-COM-MABACT0018 Datasheet
71Kb / 3P
E-Series 1:4 RF Flux Coupled Transformer 5.0-200 MHz
MABACT0018 MA-COM-MABACT0018 Datasheet
71Kb / 3P
E-Series 1:4 RF Flux Coupled Transformer
MABACT0018 MA-COM-MABACT0018_15 Datasheet
71Kb / 3P
E-Series 1:4 RF Flux Coupled Transformer
More results

Similar Description - MABACT0018

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ETC4-1 MACOM-ETC4-1 Datasheet
76Kb / 2P
E-Series RF 1:4 Flux Coupled Step-up Transformer 1-350 MHz
MABACT0011 MACOM-MABACT0011 Datasheet
166Kb / 2P
1:4 Flux Coupled Step up Transformer 1 - 350 MHz
ETC1-1T-13 MACOM-ETC1-1T-13 Datasheet
78Kb / 3P
RF 1:1 Flux Coupled Transformer 5.0 - 120 MHz
logo
M/A-COM Technology Solu...
MABACT0011 MA-COM-MABACT0011 Datasheet
101Kb / 2P
1:4 Flux Coupled Step up Transformer 1 - 350 MHz
MABACT0018 MA-COM-MABACT0018 Datasheet
71Kb / 3P
E-Series 1:4 RF Flux Coupled Transformer 5.0-200 MHz
ETC4-1 MA-COM-ETC4-1 Datasheet
104Kb / 2P
E-Series RF 1:4 Flux Coupled Step-up Transformer 1-350 MHz
MABA-007237-ETC410 MA-COM-MABA-007237-ETC410 Datasheet
64Kb / 2P
E-Series RF 1:4 Flux Coupled Step-up Transformer 1 - 350 MHz
MABA-007493-CF4160 MA-COM-MABA-007493-CF4160_2 Datasheet
101Kb / 3P
4:1 Flux Coupled Step-up Transformer
MABA-007493-CF4160 MA-COM-MABA-007493-CF4160 Datasheet
101Kb / 3P
4:1 Flux Coupled Step-up Transformer
MABA-007493-CF4160 MA-COM-MABA-007493-CF4160_15 Datasheet
101Kb / 3P
4:1 Flux Coupled Step-up Transformer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com