Electronic Components Datasheet Search
  English  ▼

X  

MABACT0018 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MABACT0018
Description  1:4 RF flux coupled step-up transformer 5.0 - 200 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MABACT0018 Datasheet(HTML) 2 Page - Tyco Electronics

  MABACT0018 Datasheet HTML 1Page - Tyco Electronics MABACT0018 Datasheet HTML 2Page - Tyco Electronics MABACT0018 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Amplitude Unbalance
Phase Unbalance
Insertion Loss
Input Return Loss
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
5
20
35
50
65
80
95
110 125 140 155 170 185 200
Frequency (MHz)
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
5
20
35
50
65
80
95
110 125 140 155 170 185 200
Frequency (MHz)
178.0
178.5
179.0
179.5
180.0
180.5
181.0
181.5
182.0
5
20
35
50
65
80
95
110 125 140 155 170 185 200
Frequency (MHz)
-1.0
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
5
20
35
50
65
80
95
110 125 140 155 170 185 200
Frequency (MHz)
RF 4:1 Flux Coupled Transformer
MABACT0018
Specifications subject to change without notice.
n North America: Tel. (800) 366 -2266, Fax (800) 618 -8883
n Asia/Pacific: Tel.+ 81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1908) 574 200, Fax+44 (1908) 574 300
Visit www.macom.comfor additional data sheets and product information.
Rev A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com