Electronic Components Datasheet Search
  English  ▼

X  

MABACT0034 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MABACT0034
Description  1:1 Tx Line Balun Transformer 4.5 - 3000 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MABACT0034 Datasheet(HTML) 1 Page - Tyco Electronics

  MABACT0034 Datasheet HTML 1Page - Tyco Electronics MABACT0034 Datasheet HTML 2Page - Tyco Electronics MABACT0034 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Frequency Range 4.5 - 3000 MHz
Test Conditions Nominal
Units Min.
Typ.
Max.
Insertion Loss
4.5 - 1000 MHz
1000 - 2000 MHz
2000 – 3000 MHz
—
—
—
dB
dB
dB
—
—
—
0.8
1.6
2.5
1.0
2.0
3.5
Amplitude Unbalance
4.5 –3000 MHz
—
dB
—
0.5
1.0
Phase Unbalance
4.5 –3000 MHz
—
°
—
10°
20°
Electrical Specifications @ 25
°C, Z
0 = 75 Ohms
1:1 Tx Line Balun Transformer
4.5 – 3000 MHz
Note: Specifications subject to change without notice.
SM-155 Package
Dimensions in inches [mm] Tolerance: .xx ± .02, .xxx ± .010
Features
• Surface Mount
• 1:1 Impedance
• Available on Tape & Reel
• 75
Ω
Description
M/A Com’s MABACT0034 is a 1:1 RF
transmission line transformer in a low cost,
surface mount package. Ideally suited for high
volume CATV/Broadband applications.


Similar Part No. - MABACT0034

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABACT0034 MA-COM-MABACT0034 Datasheet
180Kb / 4P
Transformer, 1:1 Transmission Line Transformer
MABACT0034 MA-COM-MABACT0034 Datasheet
180Kb / 4P
Transformer, 1:1 Transmission Line Transformer
MABACT0034 MA-COM-MABACT0034_15 Datasheet
180Kb / 4P
Transformer, 1:1 Transmission Line Transformer
More results

Similar Description - MABACT0034

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABA-007159-000000 MACOM-MABA-007159-000000 Datasheet
162Kb / 2P
RF 1:1 Transmission Line Transformer 4.5 - 3000 MHz
MABA-007327-CT1A40 MACOM-MABA-007327-CT1A40 Datasheet
86Kb / 3P
1:1 Tx Line Balun Transformer 4.5-3000MHz
MABACT0010 MACOM-MABACT0010 Datasheet
246Kb / 2P
1:1 Transmission line Transformer 4.5 - 3000 MHz
MABA-007871-CT1A40 MACOM-MABA-007871-CT1A40 Datasheet
150Kb / 3P
Transformer 1:1 transmission line balun 5 to 3000 MHz
logo
M/A-COM Technology Solu...
MABACT0059 MA-COM-MABACT0059 Datasheet
101Kb / 3P
1:1 Transmission Line Transformer 4.5 to 3000 MHz
MABACT0010 MA-COM-MABACT0010 Datasheet
122Kb / 2P
1:1 Transmission line Transformer 4.5 - 3000 MHz
MABA-007159-000000 MA-COM-MABA-007159-000000 Datasheet
101Kb / 2P
RF 1:1 Transmission Line Transformer 4.5 - 3000 MHz
MABA-007327-CT1A40 MA-COM-MABA-007327-CT1A40 Datasheet
111Kb / 3P
1:1 Tx Line Balun Transformer 4.5 - 3000 MHz
MABA-007871-CT1A40 MA-COM-MABA-007871-CT1A40 Datasheet
129Kb / 3P
Transformer 1:1 transmission line balun 5 to 3000 MHz
MABA-008757-CT1160 MA-COM-MABA-008757-CT1160 Datasheet
102Kb / 3P
1:1 Transmission Line Transformer 4.5 to 3000 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com