Electronic Components Datasheet Search
  English  ▼

X  

MABACT0034 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MABACT0034
Description  1:1 Tx Line Balun Transformer 4.5 - 3000 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MABACT0034 Datasheet(HTML) 2 Page - Tyco Electronics

  MABACT0034 Datasheet HTML 1Page - Tyco Electronics MABACT0034 Datasheet HTML 2Page - Tyco Electronics MABACT0034 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Parameter
Absolute Maximum
RF Power
250 mW
DC Current
30 mA
Storage Temperature
-40
°C to +85° C
Operating Temperature
-40
°C to +85° C
Function
Pin No.
Primary Dot (Input)
5
Primary (Ground)
4
Secondary Dot
(Output)
1
Secondary
(Output)
3
Secondary Center Tap
-
Typical Performance @ +25
° C
Absolute Maximum Ratings
Operating Characteristics
Schematic
1:1 transmission line Transformer, 4.5 – 3000 MHz
MABACT0034
Rev -
Specifications subject to change without notice.
n North America: Tel. (800) 366 -2266, Fax (800) 618 -8883
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1908) 574 200, Fax+44 (1908) 574 300
Visit www.macom.com for additional data sheets and product information.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com