Electronic Components Datasheet Search
  English  ▼

X  

MABACT0035 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MABACT0035
Description  Broadband CATV, Flux coupled Transformer, 1 - 350 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MABACT0035 Datasheet(HTML) 1 Page - Tyco Electronics

  MABACT0035 Datasheet HTML 1Page - Tyco Electronics MABACT0035 Datasheet HTML 2Page - Tyco Electronics MABACT0035 Datasheet HTML 3Page - Tyco Electronics MABACT0035 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Frequency Range: 1-350 MHz
Insertion Loss
5 - 100 MHz
2 - 300 MHz
1 - 350 MHz
dB
dB
dB
—
—
—
0.6
0.8
1.0
1.0
2.0
3.0
Amplitude Balance
5 - 100 MHz
1 - 350 MHz
dB
dB
—
—
± 0.0
± 0.1
± 0.2
± 0.5
Phase Balance
5 - 100 MHz
1 - 350 MHz
°
°
—
—
± 1.0
± 2.0
± 2.0
± 5.0
Input Return Loss
1 - 5 MHz
5 - 100 MHz
100 - 350 MHz
dB
dB
dB
5
18
12
12
25
18
—
—
—
Features
• 75 ohm
• SMT unit
• 4:1 impedance
• Available on tape & reel
• Excellent temperature
stability
Description
M/A-COM’s MABACT0035 is a
low cost SMT 4:1 RF flux
coupled transformer designed
for high volume CATV
Broadband applications
Electrical Specifications @ 25
°C, 75 ohm
Broadband CATV, Flux coupled
V 3P
Transformer, 1 – 350 MHz
M/A-COM Inc. and it’s affiliates reserve the right to make changes to the product(s)
Or information contained herein without notice
Visit www.macom.com for additional data sheets and product information
n North America: Tel. (800) 366-266, Fax (800) 618-8883
n Asia/Pacific: Tel.+ 81-44-844-8296, Fax+81-44-844-8298
n Europe: Tel. +44(1908) 574 200, Fax +44(1908) 574 300


Similar Part No. - MABACT0035

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABACT0034 MACOM-MABACT0034 Datasheet
251Kb / 3P
1:1 Tx Line Balun Transformer 4.5 - 3000 MHz
logo
M/A-COM Technology Solu...
MABACT0034 MA-COM-MABACT0034 Datasheet
180Kb / 4P
Transformer, 1:1 Transmission Line Transformer
MABACT0034 MA-COM-MABACT0034 Datasheet
180Kb / 4P
Transformer, 1:1 Transmission Line Transformer
MABACT0034 MA-COM-MABACT0034_15 Datasheet
180Kb / 4P
Transformer, 1:1 Transmission Line Transformer
logo
Tyco Electronics
MABACT0036 MACOM-MABACT0036 Datasheet
237Kb / 3P
1:1 Flux Coupled Transformer 0.3 - 200 MHz
More results

Similar Description - MABACT0035

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABACT0011 MACOM-MABACT0011 Datasheet
166Kb / 2P
1:4 Flux Coupled Step up Transformer 1 - 350 MHz
MABAES0040 MACOM-MABAES0040 Datasheet
40Kb / 2P
E-Series RF 2:1 Flux Coupled Transformer 1.0 - 350 MHz
MABACT0045 MACOM-MABACT0045 Datasheet
47Kb / 3P
Broadband CATV 4:1 Flux Coupled Transformer
MABACT0047 MACOM-MABACT0047 Datasheet
108Kb / 3P
1:1 Broadband CATV, Flux Coupled Transformer 5-120MHz
logo
M/A-COM Technology Solu...
MABACT0011 MA-COM-MABACT0011 Datasheet
101Kb / 2P
1:4 Flux Coupled Step up Transformer 1 - 350 MHz
MABACT0047 MA-COM-MABACT0047 Datasheet
96Kb / 3P
1:1 Broadband CATV, Flux Coupled Transformer 5-120MHz
MABAES0040 MA-COM-MABAES0040 Datasheet
62Kb / 2P
E-Series RF 2:1 Flux Coupled Transformer 1.0 - 350 MHz
ETC4-1 MA-COM-ETC4-1 Datasheet
104Kb / 2P
E-Series RF 1:4 Flux Coupled Step-up Transformer 1-350 MHz
MABA-007237-ETC410 MA-COM-MABA-007237-ETC410 Datasheet
64Kb / 2P
E-Series RF 1:4 Flux Coupled Step-up Transformer 1 - 350 MHz
MABACT0047 MA-COM-MABACT0047 Datasheet
96Kb / 3P
1:1 Broadband CATV, Flux Coupled Transformer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com