Electronic Components Datasheet Search
  English  ▼

X  

MABACT0035 Datasheet(PDF) 4 Page - Tyco Electronics

Part # MABACT0035
Description  Broadband CATV, Flux coupled Transformer, 1 - 350 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MABACT0035 Datasheet(HTML) 4 Page - Tyco Electronics

  MABACT0035 Datasheet HTML 1Page - Tyco Electronics MABACT0035 Datasheet HTML 2Page - Tyco Electronics MABACT0035 Datasheet HTML 3Page - Tyco Electronics MABACT0035 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Function
Pin No.
Primary Dot (ground)
5
Primary (input)
4
Secondry Dot (o/p 2)
3
Center Tap
2
Secondry (o/p 1)
1
Functional Schematic
Pin Configuration
Broadband CATV 4:1 flux coupled transformer
MABACT0035
M/A-COM Inc. and it’s affiliates reserve the right to make changes to the product(s)
Or information contained herein without notice
Visit www.macom.com for additional data sheets and product information
n North America: Tel. (800) 366-266, Fax (800) 618-8883
n Asia/Pacific: Tel.+ 81-44-844-8296, Fax+81-44-844-8298
n Europe: Tel. +44(1908) 574 200, Fax +44(1908) 574 300



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com