Electronic Components Datasheet Search
  English  ▼

X  

74ALS112 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74ALS112
Description  Dual J-K negative edge-triggered flip-flop
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALS112 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74ALS112 Datasheet HTML 2Page - NXP Semiconductors 74ALS112 Datasheet HTML 3Page - NXP Semiconductors 74ALS112 Datasheet HTML 4Page - NXP Semiconductors 74ALS112 Datasheet HTML 5Page - NXP Semiconductors 74ALS112 Datasheet HTML 6Page - NXP Semiconductors 74ALS112 Datasheet HTML 7Page - NXP Semiconductors 74ALS112 Datasheet HTML 8Page - NXP Semiconductors 74ALS112 Datasheet HTML 9Page - NXP Semiconductors 74ALS112 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Philips Semiconductors
Product specification
74ALS112A
Dual J-K negative edge-triggered flip-flop
1996 Jun 27
6
AC WAVEFORMS
For all waveforms, VM = 1.3V.
The sahded areas indicate when the input is permitted to change for predictable output performance.
VM
VM
CPn
VM
VM
VM
VM
VM
VM
tsu(H)
th(H)
Jn, Kn
Qn
VM
tw(L)
1/fmax
tsu(L)
th(L)
VM
VM
tPLH
Qn
tw(H)
tPHL
tPHL
tPLH
SC00136
Waveform 1.
Propagation Delay for Data to Output, Data Setup Time and Hold Times, Clock Pulse Width, and Maximum Clock
Frequency
VM
CPn
Qn
VM
VM
Qn
tPHL
tPLH
SDn
VM
VM
tw(L)
SC00049
Jn, Kn
tREC
Waveform 2.
Propagation Delay for Set to Output,
Set Pulse Width, and Recovery Time for Set to Clock
VM
CPn
Qn
VM
VM
Qn
tPLH
tPHL
RDn
VM
VM
tw(L)
SC00050
Jn, Kn
tREC
Waveform 3.
Propagation Delay for Reset to Output,
Reset Pulse Width, and Recovery Time for Reset to Clock



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com