Electronic Components Datasheet Search
  English  ▼

X  

MABACT0036 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MABACT0036
Description  1:1 Flux Coupled Transformer 0.3 - 200 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MABACT0036 Datasheet(HTML) 1 Page - Tyco Electronics

  MABACT0036 Datasheet HTML 1Page - Tyco Electronics MABACT0036 Datasheet HTML 2Page - Tyco Electronics MABACT0036 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Electrical Specifications @ 25
°C, Z0 = 75 Ohms
1:1 Flux Coupled Transformer
0.3 – 200 MHz
Note: Specifications subject to change without notice.
SM-155 Package
Dimensions in inches [mm] Tolerance: .xx ± .02, .xxx ± .010
Features
• Surface Mount
• 1:1 Impedance
• CT on Secondary
• 75 Ω
• Available on tape & reel
Description
M/ACom’s MABACT0036 is a 1:1 RF flux
coupled step up transformer in a low cost,
surface mount package. Ideally suited for high
volume CATV/Broadband applications.
Frequency Range .3 - 200 MHz
Test Conditions
Nominal
Units Min.
Typ.
Max.
Insertion Loss (Pin 1 – 5)
0.3 - 5 MHz
5 - 200 MHz
—
—
dB
dB
—
—
1.0
0.5
2.6
0.9
Insertion Loss (Pin 3 – 5)
0.3 –10 MHz
10 – 200 MHz
—
—
dB
dB
—
—
1.0
0.4
2.6
0.7
Amplitude Balance
0.3–200 MHz
0
dB
—
± 0.1
± 0.5
Phase Balance
0.3–200 MHz
180
°
—
± 0.3
±3.0
Input Return Loss
0.3 - 5 MHz
5 - 200 MHz
—
—
dB
dB
5
19
13
27
—
—


Similar Part No. - MABACT0036

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABACT0034 MACOM-MABACT0034 Datasheet
251Kb / 3P
1:1 Tx Line Balun Transformer 4.5 - 3000 MHz
logo
M/A-COM Technology Solu...
MABACT0034 MA-COM-MABACT0034 Datasheet
180Kb / 4P
Transformer, 1:1 Transmission Line Transformer
MABACT0034 MA-COM-MABACT0034 Datasheet
180Kb / 4P
Transformer, 1:1 Transmission Line Transformer
MABACT0034 MA-COM-MABACT0034_15 Datasheet
180Kb / 4P
Transformer, 1:1 Transmission Line Transformer
logo
Tyco Electronics
MABACT0035 MACOM-MABACT0035 Datasheet
136Kb / 4P
Broadband CATV, Flux coupled Transformer, 1 - 350 MHz
More results

Similar Description - MABACT0036

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ETC1-1T MACOM-ETC1-1T Datasheet
60Kb / 2P
E-Series RF 1:1 Flux Coupled Transformer 0.3 - 200 MHz
MABACT0012 MACOM-MABACT0012 Datasheet
176Kb / 2P
1:1 Flux Coupled Transformer 0.3 - 200 MHz
MABACT0071 MACOM-MABACT0071 Datasheet
78Kb / 3P
1:1 Flux Coupled Transformer 0.3-200MHz
MABAES0060 MACOM-MABAES0060 Datasheet
68Kb / 3P
E-Series RF 1:1 Flux Coupled Transformer 0.3 - 200 MHz
ETC1-1T MACOM-ETC1-1T_1 Datasheet
63Kb / 2P
E-Series RF 1:1 Flux Coupled Transformer 3 - 200 MHz
logo
M/A-COM Technology Solu...
MABACT0012 MA-COM-MABACT0012 Datasheet
113Kb / 2P
1:1 Flux Coupled Transformer 3 - 200 MHz
MABACT0071 MA-COM-MABACT0071 Datasheet
73Kb / 3P
1:1 Flux Coupled Transformer 0.3-200MHz
MABAES0060 MA-COM-MABAES0060 Datasheet
82Kb / 2P
E-Series RF 1:1 Flux Coupled Transformer 0.3 - 200 MHz
ETC1-1T MA-COM-ETC1-1T Datasheet
61Kb / 2P
E-Series RF 1:1 Flux Coupled Transformer 3 - 200 MHz
MABA-007532-CF18A0 MA-COM-MABA-007532-CF18A0 Datasheet
96Kb / 3P
Transformer, 1:1 Flux Coupled Transformer 5 to 200 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com