Electronic Components Datasheet Search
  English  ▼

X  

MABACT0036 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MABACT0036
Description  1:1 Flux Coupled Transformer 0.3 - 200 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MABACT0036 Datasheet(HTML) 2 Page - Tyco Electronics

  MABACT0036 Datasheet HTML 1Page - Tyco Electronics MABACT0036 Datasheet HTML 2Page - Tyco Electronics MABACT0036 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Parameter
Absolute Maximum
RF Power
250 mW
DC Current
30 mA
Storage Temperature
-40
°C to +85° C
Operating Temperature
-40
°C to +85° C
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0
50
100
150
200
Frequency (MHz)
Function
Pin No.
Primary Dot (Input)
5
Primary (Ground)
4
Secondary Dot
(Output 1)
1
Secondary
(Output 2)
3
Secondary Center Tap
(Ground)
2
Typical Performance @ +25
° C
Absolute Maximum Ratings
Operating Characteristics
Schematic
Insertion Loss 1: Pin 5–1
(Ref Value = -10.67 removed)
0.3
Insertion Loss 2: Pin 5–3
(Ref Value = -10.67 removed)
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0
50
100
150
200
Frequency (MHz)
0.3
1:1 Flux Coupled Transformer, 0.3 – 200 MHz
MABACT0036
Specifications subject to change without notice.
n North America: Tel. (800) 366 -2266, Fax (800) 618 -8883
n Asia/Pacific: Tel.+ 81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1908) 574 200, Fax+44 (1908) 574 300
Visit www.macom.com for additional data sheets and product information.
Rev A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com