Electronic Components Datasheet Search
  English  ▼

X  

MABACT0062 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MABACT0062
Description  1:1 Flux Coupled Transformer 3-200MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MABACT0062 Datasheet(HTML) 1 Page - Tyco Electronics

  MABACT0062 Datasheet HTML 1Page - Tyco Electronics MABACT0062 Datasheet HTML 2Page - Tyco Electronics MABACT0062 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1:1 Flux Coupled Transformer
3-200MHz
MABACT0062
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V3
1
RoHS
Compliant
Features
• Surface Mount
• 1:1 Impedance
• Centre tap on secondary
• 260°C Reflow Compatible
• RoHS* Compliant
• RoHS version of ETC1-1T and MABACT0012
• Available on Tape and Reel. Reel quantity 2000
Description
M/A-COM’s MABACT0062 is a 1:1 RF flux coupled
transformer in a low cost, surface mount package.
Ideally suited for high volume CATV/Broadband
applications. This product is suitable for both 50 and
75 Ohm systems.
Ordering Information
Part Number
Package
MABACT0062
2000 piece reel
MABA-008115-CT62TB
Customer test board
Note: Reference Application Note M513 for reel size information.
Schematic
Pin No.
Function
1
Secondary Dot
2
Secondary centre tap
3
Secondary
4
Primary
5
Primary Dot
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Dimensions in inches [mm] Tolerance: .xx ± .02, .xxx ± .010
Pin Configuration
Case Style: SM-22
0.150
(3.81)
0.150 MAX
(3.81 MAX)
0.065
(1.65)
0.030
(0.762)
0.130
(3.30)
0.190
(4.83)
0.055
(1.397)
0.150
(3.81)
0.100
(2.54)
0.050
(1.27)
(0.762)
0.030
(0.762)
0.030
0.030
(0.762)


Similar Part No. - MABACT0062

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABACT0062 MA-COM-MABACT0062 Datasheet
82Kb / 3P
1:1 Flux Coupled Transformer 3-200MHz
MABACT0062 MA-COM-MABACT0062 Datasheet
147Kb / 4P
Transformer, 1:1
MABACT0062 MA-COM-MABACT0062_15 Datasheet
147Kb / 4P
Transformer
More results

Similar Description - MABACT0062

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABACT0048 MACOM-MABACT0048 Datasheet
77Kb / 3P
2:1 Flux Coupled Transformer 5-200MHz
MABACT0068 MACOM-MABACT0068 Datasheet
81Kb / 3P
2:1 Flux Coupled Transformer 5-200MHz
MABACT0071 MACOM-MABACT0071 Datasheet
78Kb / 3P
1:1 Flux Coupled Transformer 0.3-200MHz
MABA-008260-CF4A40 MACOM-MABA-008260-CF4A40 Datasheet
67Kb / 3P
4:1 flux Coupled Transformer 5-200MHz
logo
M/A-COM Technology Solu...
MABACT0048 MA-COM-MABACT0048 Datasheet
78Kb / 3P
2:1 Flux Coupled Transformer 5-200MHz
MABACT0062 MA-COM-MABACT0062 Datasheet
82Kb / 3P
1:1 Flux Coupled Transformer 3-200MHz
MABACT0068 MA-COM-MABACT0068 Datasheet
82Kb / 3P
2:1 Flux Coupled Transformer 5-200MHz
MABACT0071 MA-COM-MABACT0071 Datasheet
73Kb / 3P
1:1 Flux Coupled Transformer 0.3-200MHz
MABA-008260-CF4A40 MA-COM-MABA-008260-CF4A40 Datasheet
63Kb / 3P
4:1 flux Coupled Transformer 5-200MHz
MABA-009947-CF3160 MA-COM-MABA-009947-CF3160_15 Datasheet
121Kb / 4P
Transformer, 1:3 Flux Coupled Transformer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com