Electronic Components Datasheet Search
  English  ▼

X  

MABACT0062 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MABACT0062
Description  1:1 Flux Coupled Transformer 3-200MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MABACT0062 Datasheet(HTML) 2 Page - Tyco Electronics

  MABACT0062 Datasheet HTML 1Page - Tyco Electronics MABACT0062 Datasheet HTML 2Page - Tyco Electronics MABACT0062 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1:1 Flux Coupled Transformer
3-200MHz
MABACT0062
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V3
2
RoHS
Compliant
Electrical Specifications: TA = 25°C, Z0 = 50Ω
1
Parameter
Test
Conditions
Frequency
Units
Min
Typ
Max
Insertion Loss
-
-
-
3 - 50 MHz
50 - 160 MHz
160 - 200 MHz
dB
dB
dB
-
-
-
0.2
0.5
0.8
0.5
1.0
1.2
Amplitude Unbalance (Nominal 0dB)
-
-
3 - 50 MHz
50 - 200 MHz
dB
dB
-
-
0.02
0.06
± 0.1
± 0.5
Phase Unbalance (Nominal 180º)
-
-
3 - 50 MHz
50 - 200 MHz
º
º
-
-
0.2
0.5
± 1.5
± 5.0
Input Return Loss
-
-
3 - 200 MHz
5 - 100 MHz
dB
dB
10
15
20
25
-
-
Recommended PCB Configuration
Absolute Maximum Ratings
1,2
Parameter
Absolute Maximum
Max Input Power
250mW
DC current
240mA
Operating Temperature
-40°C to +85°C
Storage Temperature
-55°C to +100°C
1. Exceeding any one or combination of these limits may cause
permanent damage to this device.
2. M/A-COM does not recommend sustained operation near
these survivability limits.
(3.30)
(1.397)
0.055
(4.83)
0.190
0.130
(0.762)
0.030
(1.65)
0.065
Electrical Specifications: TA = 25°C, Z0 = 75Ω
1
Parameter
Test
Conditions
Frequency
Units
Min
Typ
Max
Insertion Loss
-
-
-
3 - 5 MHz
5 - 65 MHz
65 - 200 MHz
dB
dB
dB
-
-
-
0.5
0.4
0.6
1.0
0.6
1.0
Amplitude Unbalance (Nominal 0dB)
-
-
3 - 65 MHz
65 - 200 MHz
dB
dB
-
-
0.02
0.04
± 0.2
± 0.3
Phase Unbalance (Nominal 180º)
-
-
3 - 65 MHz
65 - 200 MHz
º
º
-
-
0.4
1.2
± 2.0
± 5.0
Input Return Loss
-
-
-
-
3 - 5MHz
5 - 65 MHz
65 - 100 MHz
100 - 200 MHz
dB
dB
dB
dB
18
21
19
14
24
29
25
20
-
-
-
-



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com