Electronic Components Datasheet Search
  English  ▼

X  

SD56120M Datasheet(PDF) 4 Page - STMicroelectronics

Part # SD56120M
Description  RF POWER TRANSISTORS The LdmoST FAMILY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD56120M Datasheet(HTML) 4 Page - STMicroelectronics

  SD56120M Datasheet HTML 1Page - STMicroelectronics SD56120M Datasheet HTML 2Page - STMicroelectronics SD56120M Datasheet HTML 3Page - STMicroelectronics SD56120M Datasheet HTML 4Page - STMicroelectronics SD56120M Datasheet HTML 5Page - STMicroelectronics SD56120M Datasheet HTML 6Page - STMicroelectronics SD56120M Datasheet HTML 7Page - STMicroelectronics SD56120M Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SD56120M
4/8
TYPICAL PERFORMANCE
Output Power & Efficiency vs. Input Power
0
1
234
56
Pin, INPUT POW ER (W )
0
20
40
60
80
100
120
140
160
180
20
30
40
50
60
70
80
90
100
Vdd = 32 V
Idq= 2 x 200 mA
f = 860 MHz
Eff
Pout
Power Gain vs. Output Power
1
10
100
1000
Pout, OUTPUT POWER (W)
12
13
14
15
16
17
18
19
20
Vdd = 32V
f = 860 MHz
Idq = 2 x 400mA
Idq = 2 x 600mA
Idq = 2 x 300mA
Idq = 2 x 200mA
Intermodulation Distortion vs. Output Power
Output Power vs. Drain Voltage
0
30
60
90
120
150
Pout, OUTPUT POWER (WPEP)
-50
-45
-40
-35
-30
-25
-20
-15
-10
f1= 860 MHz
f2= 859.9 MHz
Vdd = 32 V
Idq = 2 x 625 mA
Idq = 2 x 400 mA
Idq = 2 x 200 mA
12
16
20
24
28
32
36
Vds, DRAIN VOLTAGE (V)
0
30
60
90
120
150
180
210
Vdd = 32 V
Idq = 2 x 200 mA
f = 860 MHz
Pin = 1.25 W
Pin = 2.5 W
Pin = 5 W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com