Electronic Components Datasheet Search
  English  ▼

X  

SD56120M Datasheet(PDF) 5 Page - STMicroelectronics

Part # SD56120M
Description  RF POWER TRANSISTORS The LdmoST FAMILY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD56120M Datasheet(HTML) 5 Page - STMicroelectronics

  SD56120M Datasheet HTML 1Page - STMicroelectronics SD56120M Datasheet HTML 2Page - STMicroelectronics SD56120M Datasheet HTML 3Page - STMicroelectronics SD56120M Datasheet HTML 4Page - STMicroelectronics SD56120M Datasheet HTML 5Page - STMicroelectronics SD56120M Datasheet HTML 6Page - STMicroelectronics SD56120M Datasheet HTML 7Page - STMicroelectronics SD56120M Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5/8
SD56120M
TEST CIRCUIT SCHEMATIC
TEST CIRCUIT COMPONENT PART LIST
COMPONENT
DESCRIPTION
C1, C2, C10, C11
51 pF ATC 100B SURFACE MOUNT CERAMIC CHIP CAPACITOR
C3
9.1 pF ATC 100B SURFACE MOUNT CERAMIC CHIP CAPACITOR
C4, C8
0.6 - 4.5 GIGATRIM VARIABLE CAPACITOR
C5, C9
5.6 pF ATC 100B SURFACE MOUNT CERAMIC CHIP CAPACITOR
C6
12 pF ATC 100A SURFACE MOUNT CERAMIC CHIP CAPACITOR
C7
13 pF ATC 100B SURFACE MOUNT CERAMIC CHIP CAPACITOR
C12, C15, C18, C22
91 pF ATC 100B SURFACE MOUNT CERAMIC CHIP CAPACITOR
C13, C16, C20, C24
10
µF 50V ALUMINUM ELECTROLYTIC RADIAL LEAD CAPACITOR
C14, C17, C21, C25
0.1
µF 500V SURFACE MOUNT CERAMIC CHIP CAPACITOR
C19, C23
100
µF 63V ALUMINUM ELECTROLYTIC RADIAL LEAD CAPACITOR
R1, R2, R3, R4
200 OHM 1/4 W SURFACE MOUNT CHIP RESISTOR
R5, R6
1.8 OHM 1/4 W SURFACE MOUNT CHIP RESISTOR
B1, B2
BALUN, 25 OHM SEMI-RIDGE OD=”0.141”, 2.37 LG COAXIAL CABLE OR
EQUIVALENT
L1, L2
CHIP INDICATOR 10 nH SURFACE MOUNT COIL
FB1, FB2
SURFACE MOUNT EMI SHIELD BEAD
PCB
WOVEN GLASS REINFORCED / CERAMIC FILLED 0.030” THK
εr = 3.48, 2 Oz
ED CU BOTH SIDES
D.U.T.
REF. 7248365A
NOTEs:
1. C3 AND C4 ADJACENT TO EACH OTHER
2. GAP BETWEEN GROUND & TRANSMISSION LINE = 0.056 [1.42] TYP.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com