Electronic Components Datasheet Search
  English  ▼

X  

BF06 Datasheet(PDF) 3 Page - AVX Corporation

Part # BF06
Description  Radial Leads
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

BF06 Datasheet(HTML) 3 Page - AVX Corporation

  BF06 Datasheet HTML 1Page - AVX Corporation BF06 Datasheet HTML 2Page - AVX Corporation BF06 Datasheet HTML 3Page - AVX Corporation BF06 Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BF 01/02/07/06/05/04: Radial Leads
CPM-83 — (pitch = 5.08mm / 0.200 inches)
Capacitance
Reference
Range
BF
(CR)VR- / VR~ (V)
63/40 (voltage code: D) 100/63 (voltage code: E) 250/160 (voltage code: G) 400/200 (voltage code: I)
1,000 pF
BF01
BF01
BF01
BF01
1,200
BF01
BF01
BF01
BF01
1,500
BF01
BF01
BF01
BF01
1,800
BF01
BF01
BF01
BF01
2,200 pF
BF01
BF01
BF01
BF01
2,700
BF01
BF01
BF01
BF01
3,300
BF01
BF01
BF01
BF01
3,900
BF01
BF01
BF01
BF01
4,700 pF
BF01
BF01
BF01
BF01
5,600
BF01
BF01
BF01
BF01
6,800
BF01
BF01
BF01
BF01
8,200
BF01
BF01
BF01
BF01
10,000 pF
BF01
BF01
BF01
BF01
12,000
BF01
BF01
BF01
BF02
15,000
BF01
BF01
BF01
BF02
18,000
BF01
BF01
BF01
BF02
22,000
BF01
BF01
BF01
BF02
27,000
BF01
BF01
BF01
BF07
33,000
BF01
BF01
BF02
BF07
39,000
BF01
BF01
BF02
BF06
47,000 pF
BF01
BF01
BF02
BF06
56,000
BF01
BF01
BF07
BF04
68,000
BF01
BF01
BF07
BF04
82,000
BF01
BF01
BF07
BF04
100 nF
BF01
BF01
BF07
BF04
120
BF01
BF01
BF06
150
BF01
BF01
BF06
180
BF01
BF07/***BF02
BF04
220 nF
BF01
BF07/***BF02
BF04
270
BF02
BF07
330
BF02
BF07
390
BF07/***BF02
BF07
470 nF
BF07/***BF02
BF07
560
BF07
BF05*
680
BF07
BF05*
820
BF07
BF05*
1 µF
BF07
BF05
1.5 µF
BF05*
2.2 µF
BF05**
*Upon request - no change
**Upon request & only available 50 V (UR) - no change
***Case size reduction: BF07 to BF02 - New
BF04/BF06: New
CAPACITANCE VALUE (C
R) and NOMINAL VOLTAGES (VR)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com