Electronic Components Datasheet Search
  English  ▼

X  

BF06 Datasheet(PDF) 1 Page - AVX Corporation

Part # BF06
Description  Radial Leads
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

BF06 Datasheet(HTML) 1 Page - AVX Corporation

  BF06 Datasheet HTML 1Page - AVX Corporation BF06 Datasheet HTML 2Page - AVX Corporation BF06 Datasheet HTML 3Page - AVX Corporation BF06 Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
APPLICATIONS
• Commodity Product:
• Supply decoupling
• Filter
• Integrators
• Treatment of analog signals
• Rejection of line perturbations etc.
GENERAL DESCRIPTION
• Dielectric: Metallized polyester film
(polyethylene teraphtalate)
• Stacked-film
• Leads: Radial tin-plated wire
• Protection: Plastic case (UL94: V-O) / Epoxy resin
• Marking: Logo
Nominal Capacitance
Tolerance (EIA)
DC Nominal Voltage
Example: T 100 nK 63
• Delivery Mode: Bulk
Taped (reel or ammopack)
STANDARDIZATION
Generic specifications:
CEI 384-1/CECC 30000/UTE 83100
Sectional specifications:
CEI 384-2/CECC 30400/UTE 83151
Complies with special specification:
CECC 30401-063
BF 01/02/07/06/05/04: Radial Leads
CPM-83 — (pitch = 5.08mm / 0.200 inches)
Case
L max
H max
e max
ø ± 0.02
01
7.50 (0.295)
6.50 (0.256)
2.50 (0.098)
0.50 (0.020)
02
7.50 (0.295)
8.00 (0.315)
3.20 (0.126)
0.50 (0.020)
07
7.50 (0.295)
8.00 (0.315)
5.00 (0.197)
0.50 (0.020)
06
7.50 (0.295)
9.60 (0.378)
6.00 (0.236)
0.50 (0.020)
05
7.50 (0.295)
12.0 (0.472)
6.00 (0.236)
0.50 (0.020)
04
7.50 (0.295)
13.0 (0.512)
7.50 (0.295)
0.50 (0.020)
DIMENSIONS
millimeters (inches)
L
5.08 (0.200)
-0.6 (0.024)
-0.1 (0.004)
*L dimension measured 3mm above base of case
HOW TO ORDER
BF01
4
D
0104
K
- -
Type
Class
Voltage
Capacitance
Tolerance
Suffix
Value
PET
63V
EIA code
±10%


Similar Part No. - BF06

ManufacturerPart #DatasheetDescription
logo
Global Connector Techno...
BF060 GCT-BF060 Datasheet
124Kb / 1P
2.00mm Pitch Pin Header,Dual Row, Through Hole,Horizontal
31st October 2007
BF060-04A-A-0400-0280 GCT-BF060-04A-A-0400-0280 Datasheet
124Kb / 1P
2.00mm Pitch Pin Header,Dual Row, Through Hole,Horizontal
31st October 2007
BF060-04A-B-0400-0280 GCT-BF060-04A-B-0400-0280 Datasheet
124Kb / 1P
2.00mm Pitch Pin Header,Dual Row, Through Hole,Horizontal
31st October 2007
BF060-04B-A-0400-0280 GCT-BF060-04B-A-0400-0280 Datasheet
124Kb / 1P
2.00mm Pitch Pin Header,Dual Row, Through Hole,Horizontal
31st October 2007
BF060-04B-B-0400-0280 GCT-BF060-04B-B-0400-0280 Datasheet
124Kb / 1P
2.00mm Pitch Pin Header,Dual Row, Through Hole,Horizontal
31st October 2007
More results

Similar Description - BF06

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
MR051A561JAA AVX-MR051A561JAA Datasheet
389Kb / 6P
Radial Leads/Ceralam
SR155E103MAR AVX-SR155E103MAR Datasheet
267Kb / 8P
Radial Leads/SkyCap짰
SR211C104KAA AVX-SR211C104KAA Datasheet
267Kb / 8P
Radial Leads/SkyCap짰
SR151A101JAA AVX-SR151A101JAA Datasheet
267Kb / 8P
Radial Leads/SkyCap
SR215C104KAATR1 AVX-SR215C104KAATR1 Datasheet
267Kb / 8P
Radial Leads/SkyCap
SR201A102JAR AVX-SR201A102JAR Datasheet
267Kb / 8P
Radial Leads/SkyCap
SR305C474KAR AVX-SR305C474KAR Datasheet
267Kb / 8P
Radial Leads/SkyCap
SR301C474KAR AVX-SR301C474KAR Datasheet
267Kb / 8P
Radial Leads/SkyCap
SR201C104KAR AVX-SR201C104KAR Datasheet
262Kb / 8P
Radial Leads/SkyCap
logo
Frontier Electronics.
18402 FRONTIER-18402_15 Datasheet
141Kb / 2P
RADIAL LEADS INDUCTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com