Electronic Components Datasheet Search
  English  ▼

X  

74ALS273DB Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74ALS273DB
Description  Octal D-type flip-flop
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALS273DB Datasheet(HTML) 5 Page - NXP Semiconductors

  74ALS273DB Datasheet HTML 1Page - NXP Semiconductors 74ALS273DB Datasheet HTML 2Page - NXP Semiconductors 74ALS273DB Datasheet HTML 3Page - NXP Semiconductors 74ALS273DB Datasheet HTML 4Page - NXP Semiconductors 74ALS273DB Datasheet HTML 5Page - NXP Semiconductors 74ALS273DB Datasheet HTML 6Page - NXP Semiconductors 74ALS273DB Datasheet HTML 7Page - NXP Semiconductors 74ALS273DB Datasheet HTML 8Page - NXP Semiconductors 74ALS273DB Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Philips Semiconductors
Product specification
74ALS273
Octal D-type flip-flop
1991 Feb 08
5
AC WAVEFORMS
For all waveforms, VM = 1.3V.
CP
VM
VM
VM
tw(H)
1/fmax
VM
VM
tPLH
tw(L)
tPHL
Qn
SF00294
Waveform 1.
Propagation Delay for Clock Input to Output,
Clock Pulse Width, and Maximum Clock Frequency
VM
SC00065
MR
Qn
VM
tw(L)
tPHL
VM
tREC
CP
VM
Waveform 2.
Master Reset Pulse Width, Master Reset to
Output Delay, and Master Reset to Clock Recovery Time
th(H)
tsu(H)
CP
SC00064
VM
VM
VM
VM
VM
VM
th(L)
tsu(L)
Dn
Waveform 3.
Data Setup and Hold Times
TEST CIRCUIT AND WAVEFORMS
tw
90%
VM
10%
90%
VM
10%
90%
VM
10%
90%
VM
10%
NEGATIVE
PULSE
POSITIVE
PULSE
tw
AMP (V)
0.3V
0.3V
tTHL (tff)
INPUT PULSE REQUIREMENTS
Rep.Rate
tw
tTLH
tTHL
1MHz
500ns
2.0ns
2.0ns
Input Pulse Definition
VCC
Family
74ALS
D.U.T.
PULSE
GENERATOR
RL
CL
RT
VIN
VOUT
Test Circuit for Totem-pole Outputs
DEFINITIONS:
RL = Load resistor;
see AC electrical characteristics for value.
CL = Load capacitance includes jig and probe capacitance;
see AC electrical characteristics for value.
RT = Termination resistance should be equal to ZOUT of
pulse generators.
tTHL (tf )
tTLH (tr )
tTLH (tr )
AMP (V)
Amplitude
3.5V
1.3V
VM
SC00005



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com