Electronic Components Datasheet Search
  English  ▼

X  

LT3154 Datasheet(PDF) 32 Page - Analog Devices

Part # LT3154
Description  6A Low Noise, High Performance Buck-Boost DC/DC Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3154 Datasheet(HTML) 32 Page - Analog Devices

Back Button LT3154 Datasheet HTML 24Page - Analog Devices LT3154 Datasheet HTML 25Page - Analog Devices LT3154 Datasheet HTML 26Page - Analog Devices LT3154 Datasheet HTML 27Page - Analog Devices LT3154 Datasheet HTML 28Page - Analog Devices LT3154 Datasheet HTML 29Page - Analog Devices LT3154 Datasheet HTML 30Page - Analog Devices LT3154 Datasheet HTML 31Page - Analog Devices LT3154 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
LT3154
32
Rev. 0
For more information www.analog.com
 ANALOG DEVICES, INC. 2023
2/23
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTC3533
5V, 2A Wide VIN, Buck‑Boost DC/DC Converter
LTC3113
5V, 3A Wide VIN, Low Noise, Buck‑Boost DC/DC Converter
LTC3111
15V, 1.5A Synchronous Buck‑Boost DC/DC Converter
LTC3112
15V, 2.5A Synchronous Buck‑Boost DC/DC Converter
LTC3119
18V, 5A Synchronous Buck‑Boost DC/DC Converter
LTC3335
Nanopower Buck‑Boost DC/DC Converter with Integrated
Coulomb Counter
ADP2503/ADP2504 600mA/100mA, 2.5MHz Buck‑Boost DC/DC Converters
Li-Chemistry to 3.3V at 3.4MHz
Efficiency vs Load at 3.4MHz
Load Transient PWM Mode
VIN = 3.6V, 200mA to 2A
LOAD CURRENT (A)
0.0001
40
60
10
3154 TA08b
20
0
0.001
0.01
0.1
1
100
30
50
10
70
80
90
PWM
BURST
3.0VIN
3.6VIN
4.2VIN
VOUT
3.3V
3154 TA08a
22µF
100µF
32.2k
121k
100k
10pF
0.47µH
EN/UVLO
LT3154
GND
RT
SW1
BURST
PWM
SW2
PGND
SYNC/MODE
Li ION
2.7 TO 4.3V
PVOUT
VOUT
PVIN
VIN
SS
100k
232k
40.2k
1nF
FB
VC
+
–
200 s/DIV
3154 TA08c
INDUCTOR CURRENT
2A/DIV
VOUT
0.5V/DIV
LOAD CURRENT
2A/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com