Electronic Components Datasheet Search
  English  ▼

X  

LT3154 Datasheet(PDF) 29 Page - Analog Devices

Part # LT3154
Description  6A Low Noise, High Performance Buck-Boost DC/DC Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3154 Datasheet(HTML) 29 Page - Analog Devices

Back Button LT3154 Datasheet HTML 24Page - Analog Devices LT3154 Datasheet HTML 25Page - Analog Devices LT3154 Datasheet HTML 26Page - Analog Devices LT3154 Datasheet HTML 27Page - Analog Devices LT3154 Datasheet HTML 28Page - Analog Devices LT3154 Datasheet HTML 29Page - Analog Devices LT3154 Datasheet HTML 30Page - Analog Devices LT3154 Datasheet HTML 31Page - Analog Devices LT3154 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
LT3154
29
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
Stacked Supercapacitor Powering PA Application
Waveforms of VIN, VOUT, IL During
Discharge
VOUT
3.6V
3154 TA06a
22F*
2.4V
22F*
2.4V
*COOPER BUSSMAN POWERSTOR AEROGEL B SERIES
3.6
RTRANSMIT
100µF
100k
261k
49.9k
1nF
0.1µF
0.68µH
2.2MHz
RT
LT3154
GND
EN/UVLO
SS
SW1
BURST
PWM
SW2
PGND
SYNC/MODE
100k
100k
700k
+
–
PVOUT
VOUT
FB
VC
PVIN
VIN
VOUT
VIN = 5V
10s/DIV
3154 TA06b
VIN CAPACITOR
CURRENT 1A/DIV
VIN CAPACITOR
VOLTAGE 2V/DIV
VOUT
2V/DIV
RUN 2V/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com