Electronic Components Datasheet Search
  English  ▼

X  

MCS0402 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MCS0402
Description  Professional flat chip resistors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MCS0402 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MCS0402 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCS0402 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCS0402 Datasheet HTML 3Page - List of Unclassifed Manufacturers MCS0402 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCS0402 Datasheet HTML 5Page - List of Unclassifed Manufacturers MCS0402 Datasheet HTML 6Page - List of Unclassifed Manufacturers MCS0402 Datasheet HTML 7Page - List of Unclassifed Manufacturers MCS0402 Datasheet HTML 8Page - List of Unclassifed Manufacturers MCS0402 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
2002 Dec 19
4
BCcomponents
Product specification
Professional flat chip resistors
MCS 0402; MCT 0603;
MCU 0805
Table 1
Temperature coefficient and resistance range
Note
1. Resistance values to be selected for
±1% tolerance from E24 and E96; for ±0,5% tolerance from E24 and E192.
Resistance ranges printed in bold are preferred T.C. / tolerance combinations with optimized availability.
DESCRIPTION
RESISTANCE VALUE(1)
T.C.
TOLERANCE
MCS 0402
MCT 0603
MCU 0805
±50 ppm/K
±1%
10
W to 4,99 MW
1
W to 10 MW
-
±0,5%
100
W to 100 kW
47
W to 221 kW
-
±25 ppm/K
±0,5%
100
W to 100 kW
47
W to 221 kW
10
W to 332 kW
Jumper
£ 20 mW; Imax = 0,63 A
£ 20 mW; Imax = 1 A
£ 20 mW; Imax = 1,5 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com