Electronic Components Datasheet Search
  English  ▼

X  

MCS0402 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # MCS0402
Description  Professional flat chip resistors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MCS0402 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button MCS0402 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCS0402 Datasheet HTML 5Page - List of Unclassifed Manufacturers MCS0402 Datasheet HTML 6Page - List of Unclassifed Manufacturers MCS0402 Datasheet HTML 7Page - List of Unclassifed Manufacturers MCS0402 Datasheet HTML 8Page - List of Unclassifed Manufacturers MCS0402 Datasheet HTML 9Page - List of Unclassifed Manufacturers MCS0402 Datasheet HTML 10Page - List of Unclassifed Manufacturers MCS0402 Datasheet HTML 11Page - List of Unclassifed Manufacturers MCS0402 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
2002 Dec 19
8
BCcomponents
Product specification
Professional flat chip resistors
MCS 0402; MCT 0603;
MCU 0805
Single pulse
100 µs
1 ms
10 ms
1
1 s
10 s
0,1
W
10 µs
100 ms
10
100
Pulse Duration t i
Fig.3
Maximum pulse load, single pulse; for permissible resistance change
equivalent to 8000 h operation.
MCS 0402
MCT 0603
MCU 0805
Continuous pulse
100 µs
1 ms
10 ms
1
1 s
10 s
0,1
10 µs
100 ms
Pulse Duration ti
W
10
100
Fig.4
Maximum pulse load, continuous pulses; for permissible resistance change
equivalent to 8000 h operation.
MCS 0402
MCT 0603
MCU 0805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com