Electronic Components Datasheet Search
  English  ▼

X  

PR01 Datasheet(PDF) 12 Page - Vishay Siliconix

Part # PR01
Description  Power Metal Film Resistors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PR01 Datasheet(HTML) 12 Page - Vishay Siliconix

Back Button PR01 Datasheet HTML 6Page - Vishay Siliconix PR01 Datasheet HTML 7Page - Vishay Siliconix PR01 Datasheet HTML 8Page - Vishay Siliconix PR01 Datasheet HTML 9Page - Vishay Siliconix PR01 Datasheet HTML 10Page - Vishay Siliconix PR01 Datasheet HTML 11Page - Vishay Siliconix PR01 Datasheet HTML 12Page - Vishay Siliconix PR01 Datasheet HTML 13Page - Vishay Siliconix PR01 Datasheet HTML 14Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
www.vishay.com
For technical questions contact: ff3dresistors@vishay.com
Document Number: 28729
12
Revision: 24-Feb-04
PR01/02/03
Vishay BCcomponents
Power Metal Film Resistors
10 3
10 2
10
1
102
1
10
10 1
10 1
10 2
Z
R
f (MHz)
R = 10 Ω
n
R = 22 kΩ
n
R = 1.2 Ω
R = 124 kΩ
n
n
PR02 Impedance as a function of applied frequency.
80
120
10 3
10 2
10
1
10 1
40
0
40
80
120
f (MHz)
ϕ(deg)
n
R = 10 Ω
n
R = 22 kΩ
n
R = 1.2 Ω
R = 124 kΩ
n
PR02 Phase angle as a function of applied frequency.
Application Information
10 3
10 2
10
1
102
1
10
10 1
10 2
Z
R
f (MHz)
R = 18 Ω
n
R = 1.3 kΩ
n
R = 20 kΩ
n
R = 1.5 Ω
R = 100 kΩ
n
n
PR03 Impedance as a function of applied frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com