Electronic Components Datasheet Search
  English  ▼

X  

PR01 Datasheet(PDF) 14 Page - Vishay Siliconix

Part # PR01
Description  Power Metal Film Resistors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PR01 Datasheet(HTML) 14 Page - Vishay Siliconix

Back Button PR01 Datasheet HTML 6Page - Vishay Siliconix PR01 Datasheet HTML 7Page - Vishay Siliconix PR01 Datasheet HTML 8Page - Vishay Siliconix PR01 Datasheet HTML 9Page - Vishay Siliconix PR01 Datasheet HTML 10Page - Vishay Siliconix PR01 Datasheet HTML 11Page - Vishay Siliconix PR01 Datasheet HTML 12Page - Vishay Siliconix PR01 Datasheet HTML 13Page - Vishay Siliconix PR01 Datasheet HTML 14Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
www.vishay.com
For technical questions contact: ff3dresistors@vishay.com
Document Number: 28729
14
Revision: 24-Feb-04
PR01/02/03
Vishay BCcomponents
Power Metal Film Resistors
4.16
21 (U)
robustness of terminations:
4.16.2
21 (Ua1)
tensile all samples
load 10 N; 10 s
number of failures: < 1 × 10−6
4.16.3
21 (Ub)
bending half number of samples
load 5 N; 4 × 90°
number of failures: < 1 × 10−6
4.16.4
21 (Uc)
torsion other half of samples
3 × 360° in opposite directions
no damage ∆R/R max.: ± 0.5 % + 0.05 Ω
4.20
29 (Eb)
bump
3 × 1500 bumps in three directions; 40 g
no damage ∆R/R max.: ± 0.5 % + 0.05 Ω
4.22
6 (Fc)
vibration
frequency 10 to 500 Hz; displacement 1.5 mm
or
acceleration 10 g; three directions; total
6 hours (3 × 2 hours)
no damage
∆R/R max.: ± 0.5 % + 0.05 Ω
4.19
14 (Na)
rapid change of
temperature
30 minutes at LCT and
30 minutes at UCT; 5 cycles
no visual damage
PR01: ∆R/R max.: ± 1 % + 0.05 Ω
PR02: ∆R/R max.: ± 1 % + 0.05 Ω
PR03: ∆R/R max.: ± 2 % + 0.05 Ω
4.23
climatic sequence:
4.23.3
30 (Db)
damp heat
(accelerated) 1st cycle
4.23.6
30 (Db)
damp heat
(accelerated)
remaining cycles
6 days; 55 °C; 95 to 98 % RH
Rins min.: 103 MΩ
∆R/R max.: ± 3 % + 0.1 Ω
4.24.2
3 (Ca)
damp heat
(steady state) (IEC)
56 days; 40 °C; 90 to 95% RH; loaded with
0.01 Pn (IEC steps: 4 to 100 V)
Rins min.: 1000 MΩ
∆R/R max.: ± 3 % + 0.1 Ω
4.25.1
endurance (at 70 °C)
1000 hours; loaded with Pn or Vmax;
1.5 hours on and 0.5 hours off
∆R/R max.: ± 5 % + 0.1 Ω
4.8.4.2
temperature coefficient
at 20/LCT/20 °C and 20/UCT/20 °C
(TC × 10−6/K)
≤± 250
OTHER TESTS IN ACCORDANCE WITH IEC 60115 CLAUSES AND IEC 60068 TEST METHOD
4.17
20 (Tb)
solderability
(after ageing)
8 hours steam or 16 hours 155 °C; leads
immersed 6 mm for 2 ± 0.5 s in a solder bath
at 235 ± 5 °C
good tinning (≥ 95 % covered);
no damage
4.6.1.1
insulation resistance
maximum voltage (DC) after 1 minute; metal
block method
Rins min.: 104 MΩ
see 2nd amendment to
IEC 60115-1,Jan. ’87
pulse load
see Pulse Load Capabilities graphs
TEST PROCEDURES AND REQUIREMENTS
IEC
60115-1
CLAUSE
IEC
60068-2
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com