Electronic Components Datasheet Search
  English  ▼

X  

TC4426 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC4426
Description  1.5A Dual High-Speed Power MOSFET Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4426 Datasheet(HTML) 4 Page - Microchip Technology

  TC4426 Datasheet HTML 1Page - Microchip Technology TC4426 Datasheet HTML 2Page - Microchip Technology TC4426 Datasheet HTML 3Page - Microchip Technology TC4426 Datasheet HTML 4Page - Microchip Technology TC4426 Datasheet HTML 5Page - Microchip Technology TC4426 Datasheet HTML 6Page - Microchip Technology TC4426 Datasheet HTML 7Page - Microchip Technology TC4426 Datasheet HTML 8Page - Microchip Technology TC4426 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
TC4426/TC4427/TC4428
DS20001422G-page 4
 2006-2014 Microchip Technology Inc.
DC CHARACTERISTICS (OVER OPERATING TEMPERATURE RANGE)
TEMPERATURE CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, over operating temperature range with 4.5V
 V
DD  18V.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Input
Logic ‘1’, High Input Voltage
VIH
2.4
—
—
V
Note 2
Logic ‘0’, Low Input Voltage
VIL
——
0.8
V
Input Current
IIN
-10
—
+10
µA
0V
V
INVDD
Output
High Output Voltage
VOH
VDD – 0.025
—
—
V
DC Test
Low Output Voltage
VOL
——
0.025
V
DC Test
Output Resistance
RO
—9
12
IOUT = 10 mA, VDD = 18V
Peak Output Current
IPK
—1.5
—
A
VDD = 18V
Latch-Up Protection
Withstand Reverse Current
IREV
—
>0.5
—
A
Duty cycle
2%, t 300 µs
VDD = 18V
Switching Time (Note 1)
Rise Time
tR
——
40
ns
Figure 4-1
Fall Time
tF
——
40
ns
Figure 4-1
Delay Time
tD1
——
40
ns
Figure 4-1
Delay Time
tD2
——
60
ns
Figure 4-1
Power Supply
Power Supply Current
IS
—
—
—
—
8.0
0.6
mA
VIN = 3V (Both inputs)
VIN = 0V (Both inputs)
Note 1:
Switching times ensured by design.
2:
For V temperature range devices, the VIH (Min) limit is 2.0V.
Electrical Specifications: Unless otherwise noted, all parameters apply with 4.5V
 V
DD  18V.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Specified Temperature Range (C)
TA
0—
+70
°C
Specified Temperature Range (E)
TA
-40
—
+85
°C
Specified Temperature Range (V)
TA
-40
—
+125
°C
Maximum Junction Temperature
TJ
—
—
+150
°C
Storage Temperature Range
TA
-65
—
+150
°C
Package Thermal Resistances
Thermal Resistance, 8L-6x5 DFN-S
JA
—33.2—
°C/W
Thermal Resistance, 8L-MSOP
JA
—206
—
°C/W
Thermal Resistance, 8L-PDIP
JA
—125
—
°C/W
Thermal Resistance, 8L-SOIC
JA
—155
—
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com