Electronic Components Datasheet Search
  English  ▼

X  

TC4426 Datasheet(PDF) 5 Page - Microchip Technology

Part # TC4426
Description  1.5A Dual High-Speed Power MOSFET Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4426 Datasheet(HTML) 5 Page - Microchip Technology

  TC4426 Datasheet HTML 1Page - Microchip Technology TC4426 Datasheet HTML 2Page - Microchip Technology TC4426 Datasheet HTML 3Page - Microchip Technology TC4426 Datasheet HTML 4Page - Microchip Technology TC4426 Datasheet HTML 5Page - Microchip Technology TC4426 Datasheet HTML 6Page - Microchip Technology TC4426 Datasheet HTML 7Page - Microchip Technology TC4426 Datasheet HTML 8Page - Microchip Technology TC4426 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
 2006-2014 Microchip Technology Inc.
DS20001422G-page 5
TC4426/TC4427/TC4428
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, TA = +25ºC with 4.5V  VDD  18V.
FIGURE 2-1:
Rise Time vs. Supply
Voltage.
FIGURE 2-2:
Rise Time vs. Capacitive
Load.
FIGURE 2-3:
Rise and Fall Times vs.
Temperature.
FIGURE 2-4:
Fall Time vs. Supply
Voltage.
FIGURE 2-5:
Fall Time vs. Capacitive
Load.
FIGURE 2-6:
Propagation Delay Time vs.
Supply Voltage.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
46
8
10
12
14
16
18
100 pF
470 pF
2200 pF
1500 pF
100
1000 pF
80
60
40
20
0
VDD (V)
100
1000
10,000
C
(pF)
LOAD
5V
10V
15V
100
80
60
40
20
0
tRISE
Temperature (˚C)
C
= 1000 pF
LOAD
V
= 17.5V
DD
60
–55 –35
5
25
45
65
85
105 125
–15
tFALL
50
40
30
20
10
46
8
10
12
14
16
18
100 pF
470 pF
1000 pF
2200 pF
1500 pF
100
80
60
40
20
0
VDD (V)
100
1000
10,000
5V
10V
C
(pF)
LOAD
100
80
60
40
20
0
15V
20
25
30
35
40
45
50
55
60
65
70
75
80
4
6
8
10
12
14
16
18
VDD (V)
tD1
tD2
CLOAD = 1000 pF
VIN = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com