Electronic Components Datasheet Search
  English  ▼

X  

M61251AFP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # M61251AFP
Description  Single-chip NTSC TV signal processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61251AFP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button M61251AFP Datasheet HTML 5Page - Renesas Technology Corp M61251AFP Datasheet HTML 6Page - Renesas Technology Corp M61251AFP Datasheet HTML 7Page - Renesas Technology Corp M61251AFP Datasheet HTML 8Page - Renesas Technology Corp M61251AFP Datasheet HTML 9Page - Renesas Technology Corp M61251AFP Datasheet HTML 10Page - Renesas Technology Corp M61251AFP Datasheet HTML 11Page - Renesas Technology Corp M61251AFP Datasheet HTML 12Page - Renesas Technology Corp M61251AFP Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
M61251AFP
Rev.1.0, Sep.22.2003, page 9 of 15
Bus table
Write
Function
Bit
Sub-
address
Data
Description
Initial
value
Note
RF delay
adjustment
7
00H
D0 to D6
RF AGC delay point adjustment
40H
VIF VCO
adjustment
6
10H
D0 to D5
VIF VCO free-run frequency adjustment (VIF
defeat = 1, AFT output: center)
20H
VIF frequency
58, 75
1
01H
D6
IF output at 45.75 / 58.75 MHz. 0: 45.75 MHz,
1: 58.75 MHz
0
VIF video out
gain
3
06H
D5 – D7
Adjustment of output level for VIF-demodulated
video waveform on pin 58
80H
AFT defeat
1
04H
D6
AFT output on / off (defeat). 0: AFT on (non
defeat), 1: defeat
0
V
I
F
VIF defeat
1
07H
D7
VIF gain normal/minimum. 0: AGC function, 1:
defeat (minimum gain)
0
Audio
attenuation
7
03H
D0 to D6
Pin 51 audio-output level adjustment
00H
Audio EXT
1
02H
D6
Switches between the internal and external-
input audio signals. 0: internal, 1: external
0
S
I
F
Audio mute
1
03H
D7
Pin 54 audio direct output on / off (mute). 0:
audio on (no mute), 1: mute
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com