Electronic Components Datasheet Search
  English  ▼

X  

M61251AFP Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # M61251AFP
Description  Single-chip NTSC TV signal processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61251AFP Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button M61251AFP Datasheet HTML 6Page - Renesas Technology Corp M61251AFP Datasheet HTML 7Page - Renesas Technology Corp M61251AFP Datasheet HTML 8Page - Renesas Technology Corp M61251AFP Datasheet HTML 9Page - Renesas Technology Corp M61251AFP Datasheet HTML 10Page - Renesas Technology Corp M61251AFP Datasheet HTML 11Page - Renesas Technology Corp M61251AFP Datasheet HTML 12Page - Renesas Technology Corp M61251AFP Datasheet HTML 13Page - Renesas Technology Corp M61251AFP Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
M61251AFP
Rev.1.0, Sep.22.2003, page 10 of 15
Write (Cont)
Function
Bit
Sub-
address
Data
Description
Initial
value
Note
Video tone
6
04H
D0 to D5
Sharpness level control
20H
V Latch
Contrast control
7
05H
D0 to D6
Contrast level control
40H
V Latch
EXTRGB contrast
clip
1
05H
D7
EXT RGB contrast lower limit clipping
on/off. 0: clipping on, 1: clipping off
0
V Latch
C. clip level
1
02H
D5
EXT RGB contrast lower-limit clipping
level. 0: low (20H), 1: high (40H)
0
Y delay time
adjustment
2
06H
D0 to D1
Y signal delay adjustment
X0H
Y delay fine
adjustment
1
06H
D2
Y signal delay fine adjustment
0
EXT
1
06H
D3
Selects video input on pin 41 or 38. 0: pin
41, 1: pin 38
0
V Latch
Y / C
1
06H
D4
Selects composite input or YC on pin 38 or
41. 0: composite, 1: Y / C mode
0
V Latch
Y SW LPF
1
13H
D5
Pin 31 (Y SW OUT) output frequency
characteristic. 0: flat, 1: LPF
(fc = 700 kHz)
0
Video tone
sharpness
1
02H
D3
Selects one of two video-tone levels (sharp
or soft). 0: standard, 1: sharp
0
Video mute
1
02H
D7
Y-signal output on / off (video mute).
0: mute off, 1: mute
0
TRAP off
1
02H
D4
Y-signal chroma trapping on / off.
0: trapping on, 1: trapping off
0
TRAP fine
adjustment
2
12H
D0 – D1
Chroma-trapping frequency fine
adjustment
X0H
Black stretch off
1
02H
D1
Black - stretch circuit on / off. 1: on, 1: off
0
Black stretch
charge
2
14H
D4 – D5
Adjustment of charge - time - constant for
black stretch
0XH
Discharge
2
14H
D6 to D7
Adjustment of discharge – time - constant
for black stretch
0XH
V
I
D
E
O
Gamma control
2
12H
D2 to D3
Gamma-level adjustment
X0H
Tint control
7
07H
D0 to D6
Hue control
40H
V Latch
Baseband tint
control
7
17H
D0 to D6
YUV input hue control
40H
V Latch
YUV SW
1
17H
D7
Switches between YUV and other input
mode
0
Color control
7
08H
D0 to D6
Color level control
40H
V Latch
Take off
1
02H
D0
Chroma BPF take-off on / off, 0: BPF, 1:
take-off
0
JS / JPN / SW
1
15H
D1 to D3
US / JPN modes, 100: US mode, 011: JPN
mode
0
Killer level
1
15H
D0
Color killer sensitivity, 0: 43 dB, 1: 45 dB
0
C
H
R
O
M
A
Fsc free
1
09H
D5
Crystal oscillator circuit forced free-running
mode. 0: off, 1: free-running
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com