Electronic Components Datasheet Search
  English  ▼

X  

009296003402616 Datasheet(PDF) 2 Page - Kyocera Kinseki Corpotation

Part # 009296003402616
Description  POKE-HOME: HORIZONTAL CONNECTOR 4MM PITCH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

009296003402616 Datasheet(HTML) 2 Page - Kyocera Kinseki Corpotation

  009296003402616 Datasheet HTML 1Page - Kyocera Kinseki Corpotation 009296003402616 Datasheet HTML 2Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
137
POKE-HOME: HORIZONTAL CONNECTOR 4MM PITCH
18-26AWG 9296-400
9296-400
021022
NOTES:
1. HOUSING MATERIAL: GLASS-FILLED, HIGH TEMP. NYLON; FLAME
RETARDANT PER UL94-V0, HALOGEN FREE, COLOR PER P.N. CODE.
2. CONTACT MATERIAL: HIGH STRENGTH COPPER ALLOY;
LEAD-FREE TIN PLATING.
3. FOR FURTHER INFORMATION, SEE KAVX PRODUCTS SPEC 201-01-230
AND APPLICATION NOTES 201-01-167.
4. WIRE STRIP LENGTH TO BE 0.5±0.5 mm. STRANDED WIRE SHOULD BE
PROPERLY TWISTED AND/OR PROPER FUNCTIONALITY.
5. VISIBILITY WINDOWS, IF SPECIFIED, ALLOW VISUAL VERIFICATION
OF FULL WIRE INSERTION.
6. PASS-THROUGH HOLES ALLOW MATING WITH KAVX JUMPER PIN
PART NUMBER 10-9296-00X-XXX-906, REGARDLESS OF PIN LENGTH.
7. SHADED AREA MAY BE COPPER COVERED WITH SOLDIER RESIST
TO PRODUCT TWO SEPARATE SOLDER PADS PER CONTACT.
8. UL REFERENCE E90723 (US AND CANADA).
1.5 x 0.85 VISIBILITY WINDOW
EACH POSITION
NO POSITION NUMBER
ON 1 POSITTION PART
VISIBILITY WINDOWS CODE 1
SEE NOTE 5
4.0 TYP
DIM. B
3.0
2.1
0.050
1.50
1.25
R0.4
0.125
1.2 PASS-THRU HOLES
PRODUCT CODE 412
SEE NOTE 6
4.3
2.3
VACUUM PICK-UP AREA
DEPENDING ON PART SIZE
MOLDED-IN
POSITION NUMBERS
DIM. A
8.0
4.00 TYP
DIM. B
1.90 TYP
2.50 TYP
2.80
2.40
6.50
0.75
CONNECTOR
OUTLINE
SOLDER PADS
SEE NOTE 7
RECOMMENDED
PCB PATTERN
TAPE WIDTH
12
UNREELING DIRECTION
PACKAGING PER EIA-481
1,500 PARTS PER 330 mm REEL
WIRE INSERTION DIRECTION
SEE NOTE 4
– wire-to-board connectors –
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or available
online at www.kyocera-avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com