Electronic Components Datasheet Search
  English  ▼

X  

009296003402616 Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # 009296003402616
Description  POKE-HOME: HORIZONTAL CONNECTOR 4MM PITCH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

009296003402616 Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  009296003402616 Datasheet HTML 1Page - Kyocera Kinseki Corpotation 009296003402616 Datasheet HTML 2Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
136
Prefix
Series
Number of Ways
001 = 1
004 = 4
002 = 2
005 = 5
003 = 3
006 = 6
Product Code
402 = Standard - with wire stop
412 = No wire stop
021022
GENERAL DESCRIPTION
KYOCERA AVX Interconnect continues to develop unique connectors to support market needs. Many product
designs must accommodate small numbers of discrete wires connecting components to PCBs; the new 9296-
400 series meets this challenge by providing quick and reliable wire-to-board terminations. Its compact SMT
package: 4mm pitch, 3mm height, 1 to 6 positions; makes it ideal for a broad range of industrial and commercial
applications. Wires are easily terminated with a simple strip and insertion step. This cost-effective connector
enables easy assembly in factory settings or field termination by electrical installers for non-UL applications.
Developed for various industrial applications, the connector integrates the already proven 2.5mm dual beam
poke-home contact into a connector housing. Dual spring Phosphor Bronze contact accepts a wide range (18-
26AWG solid or stranded) of wire to accommodate any wire combination within a single connector. Optional
version with pass-through holes and no wire stop contacts allow mating with KYOCERA AVX jumper pins.
Optional visibility windows allow visual verification of full wire insertion.
APPLICATIONS
• Machine Controls: motors, drives, solenoids, sensors, fans and pumps
• Commercial Buildings: controls, security, fire and sensors
• Smart Grid: meters, breakers and panels
• SSL/LED: bulbs, fixtures, signage and streetlights
ELECTRICAL
• Current Rating: See matrix below
• Voltage Rating: 600 VAC(RMS) or VDC
ENVIRONMENTAL
• Operating Temperature: -40℃ to +130℃
MECHANICAL
• Insulator Material: Glass-Filled Nylon 46; halogen free; UL94V-0 rated
• Contact Material: Phosphor Bronze
• Plating: Lead-free Tin
• Durability: 5 Cycles
HOW TO ORDER
FEATURES AND BENEFITS
• Simple strip and poke-home wire insertion with easy twist and pull
wire extraction
• 3mm height achieves the lowest height possible for this AWG range
• Accepts 18-26 AWG solid and stranded wires or jumper pins
• Dual spring beam box contact provides maximum mechanical stability and
wire retention
• Optional visibility windows allow visual verification of full wire insertion.
• UL approved
CURRENT RATING
18AWG
20AWG
22AWG
24AWG
26AWG
Jumper
UL
10A
9A
8A
7
6A
6.5A
cUL
8A
7A
6A
5A
4A
4.5A
Certification: UL File #E90723
00
9296
00X
4X2
X
X
6
Contact Plate
Visibility Window
0 = Standard - No Window
1 = With Window
Housing Color
9 = White (standard) 5 = Red (special)
8 = Black (special)
4 = Yellow (special)
7 = Orange (special)
3 = Blue (special)
6 = Green (special)
2 = Brown (special)
POKE-HOME: HORIZONTAL CONNECTOR 4MM PITCH
18-26AWG 9296-400
9296-400
– wire-to-board connectors –
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or available
online at www.kyocera-avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.


Similar Part No. - 009296003402616

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
009296003503206 KSS-009296003503206 Datasheet
1Mb / 8P
POKE-HOME: INVERTED THRU BOARD
090721
009296003503306 KSS-009296003503306 Datasheet
1Mb / 8P
POKE-HOME: INVERTED THRU BOARD
090721
009296003503406 KSS-009296003503406 Datasheet
1Mb / 8P
POKE-HOME: INVERTED THRU BOARD
090721
009296003503506 KSS-009296003503506 Datasheet
1Mb / 8P
POKE-HOME: INVERTED THRU BOARD
090721
009296003503606 KSS-009296003503606 Datasheet
1Mb / 8P
POKE-HOME: INVERTED THRU BOARD
090721
More results

Similar Description - 009296003402616

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
009276001021006 AVX-009276001021006 Datasheet
704Kb / 8P
Discrete Wire-to-Board; Poke-Home
logo
Tyco Electronics
2008563-2 MACOM-2008563-2 Datasheet
59Kb / 1P
POKE-IN CONNECTOR ASSEMBLY
logo
AVX Corporation
009276008021106 AVX-009276008021106 Datasheet
704Kb / 8P
Discrete Wire-to-Board; Poke-Home
009286002021106 AVX-009286002021106 Datasheet
1Mb / 9P
POKE HOME
logo
Winchester Electronics ...
RP25W3P-12-TD WINCHESTER-RP25W3P-12-TD Datasheet
49Kb / 1P
25W3P POKE HOME D-SUB HOUSING
logo
AVX Corporation
709296001102006 AVX-709296001102006 Datasheet
1Mb / 6P
Poke-Home: Micro Single Vertical Contact
709296001103006 AVX-709296001103006 Datasheet
1Mb / 6P
Poke-Home: Single Vertical Contact
00-9296 AVX-00-9296 Datasheet
1Mb / 8P
Poke-Home: Low Profile Horizontal
70-9296 AVX-70-9296 Datasheet
1Mb / 6P
Poke-Home: Single Vertical Contact 18-24 AWG:WTB
logo
Kyocera Kinseki Corpota...
00-9296 KSS-00-9296 Datasheet
1Mb / 8P
POKE-HOME: INVERTED THRU BOARD
090721
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com