Electronic Components Datasheet Search
  English  ▼

X  

TLHG642. Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TLHG642.
Description  High Efficiency LED, Ø 5 mm Tinted Diffused Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHG642. Datasheet(HTML) 2 Page - Vishay Siliconix

  TLHG642. Datasheet HTML 1Page - Vishay Siliconix TLHG642. Datasheet HTML 2Page - Vishay Siliconix TLHG642. Datasheet HTML 3Page - Vishay Siliconix TLHG642. Datasheet HTML 4Page - Vishay Siliconix TLHG642. Datasheet HTML 5Page - Vishay Siliconix TLHG642. Datasheet HTML 6Page - Vishay Siliconix TLHG642. Datasheet HTML 7Page - Vishay Siliconix TLHG642. Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TLHG542., TLHG642.
www.vishay.com
Vishay Semiconductors
Rev. 1.0, 30-Nov-2022
2
Document Number: 86335
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) In one packing unit IVmin./IVmax.
≤ 0.5
(2) Measurement uncertainty of forward voltage: ± 0.1 V
Note
• Luminous flux is tested at a current pulse duration of 25 ms and
an accuracy of ± 10 %.
The above type numbers represent the order groups which
include only a few brightness groups. Only one group will be
shipped on each bag (there will be no mixing of two groups in
each bag).
In order to ensure availability, single brightness groups will not
be orderable.
In a similar manner for colors where wavelength groups are
measured and binned, single wavelength groups will be shipped
on any one bag.
In order to ensure availability, single wavelength groups will not
be orderable
Note
• Wavelengths are tested at a current pulse duration of 25 ms and
an accuracy of 1 nm
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
TLHG542., TLHG642.
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage
VR
5V
DC forward current
IF
25
mA
Surge forward current
(Duty cycle 1/10 at 1 kHz)
IFSM
60
mA
Power dissipation
PV
60
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
-40 to +85
°C
Storage temperature range
Tstg
-40 to +100
°C
Soldering temperature
t
≤ 5 s, 2 mm from body
Tsd
260
°C
Thermal resistance junction to solder point
RthJS
325
K/W
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
TLHG542., TLHG642., GREEN
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity (1)
IF = 10 mA
TLHG5420.
IV
6.3
20
-
mcd
TLHG6420.
IV
6.3
20
-
mcd
Dominant wavelength
IF = 10 mA
λd
562
570
575
nm
Peak wavelength
IF = 10 mA
λp
-571
-
nm
Angle of half intensity
IF = 10 mA
ϕ
-± 25
-
°
Forward voltage (2)
IF = 20 mA
VF
-2.1
2.4
V
Reverse current
VR = 5 V
IR
-
-
10
μA
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-50
-
pF
LUMINOUS INTENSITY CLASSIFICATION
GROUP
LUMINOUS INTENSITY (mcd)
STANDARD
MIN.
MAX.
Q
6.3
12.5
R10
20
S16
32
T25
50
U40
80
V
63
125
COLOR CLASSIFICATION
GROUP
DOM. WAVELENGTH (nm)
GREEN
MIN.
MAX.
3
562
565
4
564
567
5
566
569
6
568
571
7
570
573
8
572
575



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com