Electronic Components Datasheet Search
  English  ▼

X  

TLHG642. Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TLHG642.
Description  High Efficiency LED, Ø 5 mm Tinted Diffused Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHG642. Datasheet(HTML) 3 Page - Vishay Siliconix

  TLHG642. Datasheet HTML 1Page - Vishay Siliconix TLHG642. Datasheet HTML 2Page - Vishay Siliconix TLHG642. Datasheet HTML 3Page - Vishay Siliconix TLHG642. Datasheet HTML 4Page - Vishay Siliconix TLHG642. Datasheet HTML 5Page - Vishay Siliconix TLHG642. Datasheet HTML 6Page - Vishay Siliconix TLHG642. Datasheet HTML 7Page - Vishay Siliconix TLHG642. Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TLHG542., TLHG642.
www.vishay.com
Vishay Semiconductors
Rev. 1.0, 30-Nov-2022
3
Document Number: 86335
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Forward Current vs. Ambient Temperature
Fig. 2 - Rel. Luminous Intensity vs. Angular Displacement
Fig. 3 - Relative Intensity vs. Wavelength
Fig. 4 - Forward Current vs. Forward Voltage
Fig. 5 - Relative Luminous Intensity vs. Forward Current
Fig. 6 - Relative Luminous Intensity vs. Ambient Temperature
10
100
1000
10000
0
10
20
30
40
0
20406080
100
Axis Title
T
amb - Ambient Temperature (°C)
2nd line
96 12649
Axis Title
1st line
2nd line
0°
20°
10°
1.0
0.7
0.8
0.9
30°
80°
70°
60°
50°
40°
0.6
0.4
0.2
0
10
100
1000
10000
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
500
520
540
560
580
600
620
640
Axis Title
O - Wavelengths (nm)
2nd line
96 12650
1
10
100
1.0
1.5
2.0
2.5
3.0
V
F - Forward Voltage (V)
2nd line
96 12651
10
100
1000
10000
0.01
0.1
1
10
110
100
Axis Title
I
F - Forward Current (mA)
2nd line
96 12652
10
100
1000
10000
0
0.5
1.0
1.5
0
20406080
100
Axis Title
T
amb - Ambient Temperature (°C)
2nd line
96 12653



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com