Electronic Components Datasheet Search
  English  ▼

X  

TLLG542. Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TLLG542.
Description  High Efficiency LED, Ø 5 mm Tinted Diffused Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLLG542. Datasheet(HTML) 4 Page - Vishay Siliconix

  TLLG542. Datasheet HTML 1Page - Vishay Siliconix TLLG542. Datasheet HTML 2Page - Vishay Siliconix TLLG542. Datasheet HTML 3Page - Vishay Siliconix TLLG542. Datasheet HTML 4Page - Vishay Siliconix TLLG542. Datasheet HTML 5Page - Vishay Siliconix TLLG542. Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TLLG542.
www.vishay.com
Vishay Semiconductors
Rev. 1.0, 30-Nov-2022
4
Document Number: 86336
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE DIMENSIONS in millimeters
PACKING INFORMATION
PART
BULK
TAPE AND REEL
AMMOPACK
TLLG542.
4000
-
-
5 ± 0.2
R 2.5
Ø 5 ± 0.1
2.54 nom.
technical drawings
according to DIN
specifications
6.544-5443.1.4
Issue: 2VK; 25.10.2022
1.1 ± 0.25
0.5 ± 0.1
AC
Tolerance is ± 0.25 mm except being otherwise specified



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com