Electronic Components Datasheet Search
  English  ▼

X  

OUDH Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OUDH
Description  10 Amp Miniature, Sealed PC Board Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OUDH Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OUDH Datasheet HTML 1Page - List of Unclassifed Manufacturers OUDH Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
17
Reference Data
Wiring Diagram (Bottom View)
Outline Dimensions
Coil Temperature Rise
Operate Time
Life Expectancy
PC Board Layout (Bottom View)
Ordering Information
Typical Part Number
B
OUDH
-SH
-1
12
D
M
1. Basic Series:
OUDH = Miniature, sealed PC board relay.
2. Enclosure:
SS = Vented (Flux-tight)* plastic cover.
SH = Sealed, plastic case.
3. Termination:
1 = 1 pole
4. Coil Voltage:
03 = 3VDC
09 = 9VDC
24 = 24VDC
06 = 6VDC
12 = 12VDC
48 = 48VDC
5. Coil Input:
D = Standard
6. Contact Arrangement:
Blank = 1 Form C, SPDT
M = 1 Form A, SPST-NO
* Not suitable for immersion cleaning processes.
3.5
± 0.3
0.45
5.08
12.70
1.70
15.3
± 0.3
5.08
± 0.3
7.62
± 0.3
2.15
± 0.2
21.80
± 0.3
0.30
1.0
1.0
0.50
17.10
± 0.3
5.08
± 0.3
7.62
± 0.3
2.15
± 0.2
12.70
5.08
12
10
8
6
4
2
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Coil Power (W)
Coil Power (W)
60
50
40
30
20
10
Release Time
Operate Time
100
2
Contact Current (A)
10
1
4
6
8
10
12
0
120VAC Resistive
28VDC Resistive



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com