Electronic Components Datasheet Search
  English  ▼

X  

OUDH Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OUDH
Description  10 Amp Miniature, Sealed PC Board Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OUDH Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OUDH Datasheet HTML 1Page - List of Unclassifed Manufacturers OUDH Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
16
Features
• Low profile miniature power relay
• High density available on PC board due to small size.
• 450mW coil available.
• Meets 2kV dielectric between coil and contacts.
• Meets 5kV surge voltage.
• Immersion cleanable, sealed version available.
OUDHseries
10 Amp Miniature,
Sealed PC Board Relay
Appliances, HVAC, Office Machines.
UL File No. E58304
CSA File No. LR48471
Initial Insulation Resistance
Between Mutually Insulated Elements: 1,000M ohms min. @ 500VDCM.
Mechanical Data
Termination: Printed circuit terminals.
Enclosure (94V-0 Flammability Ratings):
OUDH-SS: Vented (Flux-tight), plastic cover.
OUDH-SH: Sealed, plastic case.
Weight: 10g approximately.
Coil Data @ 20
°C
Operate Data
Must Operate Voltage: 75% of nominal voltage or less.
Must Release Voltage: 10% of nominal voltage or more.
Operate Time: 10 ms max.
Release Time: 5 ms max.
Environmental Data
Temperature Range:
Operating: -30
°C to +60°C
(no water condensation and no water drop.)
Vibration, Mechanical: 10 to 55 Hz., 1.5mm double amplitude
Operational: 10 to 55 Hz., 1.5mm double amplitude.
Shock, Mechanical: 1,000m/s2 (100G approximately).
Operational: 100m/s2 (10G approximately).
Operating Humidity: 20 to 85% RH.
Initial Dielectric Strength
Between Open Contacts: 750VAC 50/60 Hz. (1 minute).
Between Coil and Contacts: 2,000VAC 50/60 Hz. (1 minute).
Surge Voltage Between Coil and Contacts: 5,000V (1.2/50
µs).
Contact Data @ 20
°C
Arrangements: 1 Form A (SPST-NO), 1 Form C (SPDT).
Material: Ag Alloy.
Max. Switching Rate: 300 ops./min. (no load).
30 ops./min. (rated load).
Expected Mechanical Life: 10 million operations (no load).
Expected Electrical Life: 100,000 operations (rated load).
Minimum Load: 100mA @ 5VDC.
Initial Contact Resistance: 100 milliohms @ 1A, 6VDC.
Coil Data
Voltage: 3 to 48VDC.
Nominal Power: 450mW except 48VDC coil (660mW)
Coil Temperature Rise: 60
°C max., at rated coil voltage.
Max. Coil Power: 130% of nominal.
Duty Cycle: Continuous.
OUDH
Rated Coil
Nominal
Coil
Must Operate
Must Release
Voltage
Current
Resistance
Voltage
Voltage
(VDC)
(mA)
(ohms)
± 10%
(VDC)
(VDC)
3
150.0
20
2.25
0.30
6
75.0
80
4.50
0.60
9
50.0
180
6.75
0.90
12
37.5
320
9.00
1.20
24
20.9
1,280
18.00
2.40
48
13.7
3,500
36.00
4.80
Contact Ratings
Ratings: 10A @ 120VAC resistive,
10A @ 28VDC resistive,
1/4 HP @ 120VAC.
3A @ 120VAC inductive (cosø= 0.4),
3A @ 28VDC inductive (L/R= 7msec).
Max. Switched Voltage: AC: 240V.
DC: 110V.
Max. Switched Current: 10A.
Max. Switched Power: 1,200VA, 300W.


Similar Part No. - OUDH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OUDH-S-103DB1 ETC-OUDH-S-103DB1 Datasheet
11Mb / 24P
MINIATURE HIGH PERFORMANCE LOW COST STZ RELAY
OUDH-S-103DB2 ETC-OUDH-S-103DB2 Datasheet
11Mb / 24P
MINIATURE HIGH PERFORMANCE LOW COST STZ RELAY
OUDH-S-103DM1 ETC-OUDH-S-103DM1 Datasheet
11Mb / 24P
MINIATURE HIGH PERFORMANCE LOW COST STZ RELAY
OUDH-S-103DM2 ETC-OUDH-S-103DM2 Datasheet
11Mb / 24P
MINIATURE HIGH PERFORMANCE LOW COST STZ RELAY
OUDH-S-106DB1 ETC-OUDH-S-106DB1 Datasheet
11Mb / 24P
MINIATURE HIGH PERFORMANCE LOW COST STZ RELAY
More results

Similar Description - OUDH

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ962 AZETTLER-AZ962 Datasheet
60Kb / 2P
10 AMP MINIATURE PC BOARD RELAY
AZ9621 AZETTLER-AZ9621 Datasheet
96Kb / 2P
10 AMP MINIATURE PC BOARD RELAY
logo
Tyco Electronics
OUDH-SH-112DM MACOM-OUDH-SH-112DM Datasheet
35Kb / 2P
10 Amp Miniature, Sealed PC Board Relay
OJ-SH-105HM MACOM-OJ-SH-105HM Datasheet
72Kb / 2P
3-10 Amp Miniature,PC Board Relay
PCE-124D1M MACOM-PCE-124D1M Datasheet
113Kb / 2P
10 Amp Miniature Power PC Board Relay
SDT-S-112LMR MACOM-SDT-S-112LMR Datasheet
131Kb / 2P
10 Amp Miniature Power PC Board Relay
SDT-SS-112DM MACOM-SDT-SS-112DM Datasheet
173Kb / 2P
10 Amp Miniature Power PC Board Relay
2-1393222-9 MACOM-2-1393222-9 Datasheet
89Kb / 2P
10 Amp, PC Board Miniature Relay
2-1393223-8 MACOM-2-1393223-8 Datasheet
89Kb / 2P
10 Amp, PC Board Miniature Relay
SDT MACOM-SDT Datasheet
173Kb / 2P
10 Amp Miniature Power PC Board Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com