Electronic Components Datasheet Search
  English  ▼

X  

TSIC-101 Datasheet(PDF) 3 Page - Zentrum Mikroelektronik Dresden AG

Part # TSIC-101
Description  Fast Response and Low-cost Temperature Sensor IC Temperature Sensor IC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

TSIC-101 Datasheet(HTML) 3 Page - Zentrum Mikroelektronik Dresden AG

  TSIC-101 Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG TSIC-101 Datasheet HTML 2Page - Zentrum Mikroelektronik Dresden AG TSIC-101 Datasheet HTML 3Page - Zentrum Mikroelektronik Dresden AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TSic™-101
Temperature Sensor Device
Specification
Absolute Maximum Ratings
PARAMETER
MIN
MAX
UNITS
Supply Voltage (V+)
-0.3
6.0
V
Voltage at analog I/O
– Pin (VINA, VOUTA)
-0.3
VDDA+0.3
V
Storage Temperature
Range (Tstor)
-50
150
°C
Operating Conditions
PARAMETER
MIN TYP MAX UNITS
Supply
1 Voltage to
Gnd (V+)
3.0
5.0
5.5
V
Supply Current (IV+)
2
@ V+ = 3.3V, RT
200
µA
Ambient Temperature
3
Range (Tamb)
-50
150
°C
External Capacitance
between V+ and Gnd
4
(CV+)
80
100
470
nF
Output Load
Resistance between
signal and Gnd (or V+)
47
100
k
Ω
Temperature Accuracies
5
PARAMETER
MIN TYP MAX UNITS
Wide Range Device for -50°to 150°C
At room temperature
-0.5 ±0.3
0.5
°C
+0°C to +40°C
4
-1.0
+1.0
°C
-50 to 0, +40 to 150°C
+1.5
°C
1Best accuracy with supply voltage 4.5V –
5.5V.
With
supply
voltage
3.5V
–
4.5V
accuracy reduced.
2 Without load; typ. with load: I
V+ = 95+375/Rload [µA]
3Output
signal
is
limited
to
this
ambient
temperature ±3°C (with regard to calibration, offs et
and gain)
4Recomended as close to TSic V+ and Gnd-
Pins as possible.
5 Accuracy = specification plus quantization error of
1 bit (0.1°C). This device gets calibrated at 5V. F or
applications
where
best
accuracy
at
3V
is
requested:
ask
for
a
customer
specific
3V
calibrated device. Accuracy for supply voltage
within V+ = 4.5V to 5.5V, 2
σvalue.
Other
TSic
products
with
customer
specific
calibration available on request: i.e. with special
calibration where the 80°C span (bandgap) with
the high precision temperature range of ±0.3 °C is
shifted to another (lower or higher) temperature
range.
Temperature range limits T1, T2: ±0.1°C; T3: ±3°C
.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com