Electronic Components Datasheet Search
  English  ▼

X  

TSIC-101 Datasheet(PDF) 1 Page - Zentrum Mikroelektronik Dresden AG

Part # TSIC-101
Description  Fast Response and Low-cost Temperature Sensor IC Temperature Sensor IC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

TSIC-101 Datasheet(HTML) 1 Page - Zentrum Mikroelektronik Dresden AG

  TSIC-101 Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG TSIC-101 Datasheet HTML 2Page - Zentrum Mikroelektronik Dresden AG TSIC-101 Datasheet HTML 3Page - Zentrum Mikroelektronik Dresden AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TSic™-101
Fast Response and Low-cost
Temperature Sensor IC
Analog 0-1 Volt
Product
Accuracy
±±±±0.5°C at room temperature
Measurement range -50°C.. +150°C
Analog 0-1 Volt signal output
Resolution 0.1°C
The temperature sensor family TSic
from IST are fully tested and calibrated sensors to allow absolute
measurement accuracy at delivery and eliminates further calibration efforts. The temperature measurement with
the TSicis very simple, can achieve outstanding accuracy combined with a long term stability.
Advantages
Different accuracy classes with 100% upward compatibility
No calibration by customer necessary any more, absolute calibration specified
Simple to integrate, reducing cost and time for application-development
Robust and elementary signal transmission requires only one singal line
Optimum solution for temperature control, thanks to fast data measurement
Packages for standard SMD, THT or application specific assembly
Miniaturised solutions with Bare-chip (COB, COF, CSP) or e-line package
Very fast response time with Bare-chip (COF – Chip on Flex)
Very small power consumption – ideal for mobile and standard applications
Field (re-)configuration or (re-)calibration available (option for high volume customers only)
Outstanding long term stability
Packages
SOP8 Package (150mil, Standard
SMT Technology, SOIC-8) based on
IEC 191-2Q: Type 076E35 B
e-line (small THT package, TO-92 like)
Specification
See next pages “TSic
101 Temperature Sensor Device, Specification”
e-line Package
(similar to TO92)
Dimensions (max.):
A = 2.8 mm
D = 4.4 mm
E = 4.4 mm
L = 13.0 mm
D
A
E
L
3
2
1
V+
Ground
Signal
1
2
3
4
8
7
6
5
B
C
T
Pin 1 = V+
Pin 2 = Signal
Pin 4 = Ground
Dimensions (max)
B = 4.98 mm
C = 6.20 mm
T = 1.73 mm
1
2
3
4
8
7
6
5
B
C
T
Pin 1 = V+
Pin 2 = Signal
Pin 4 = Ground
Dimensions (max)
B = 4.98 mm
C = 6.20 mm
T = 1.73 mm
e-line Package
(similar to TO92)
Dimensions (max.):
A = 2.8 mm
D = 4.4 mm
E = 4.4 mm
L = 13.0 mm
D
A
E
L
3
2
1
V+
Ground
Signal
D
A
E
L
3
2
1
V+
Ground
Signal
1
2
3
4
8
7
6
5
B
C
T
Pin 1 = V+
Pin 2 = Signal
Pin 4 = Ground
Dimensions (max)
B = 4.98 mm
C = 6.20 mm
T = 1.73 mm
1
2
3
4
8
7
6
5
B
C
T
Pin 1 = V+
Pin 2 = Signal
Pin 4 = Ground
Dimensions (max)
B = 4.98 mm
C = 6.20 mm
T = 1.73 mm


Similar Part No. - TSIC-101

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
TSIC-106 ZMD-TSIC-106 Datasheet
462Kb / 2P
Rapid Response, Low-Cost Temperature Sensor IC
More results

Similar Description - TSIC-101

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6701S PANASONIC-AN6701S Datasheet
34Kb / 4P
Temperature Sensor IC
logo
TOKO, Inc
K11044 TOKO-K11044 Datasheet
37Kb / 5P
TEMPERATURE SENSOR IC
TK11033 TOKO-TK11033 Datasheet
41Kb / 6P
TEMPERATURE SENSOR IC
TK11034 TOKO-TK11034 Datasheet
42Kb / 6P
TEMPERATURE SENSOR IC
TK11041 TOKO-TK11041 Datasheet
32Kb / 4P
TEMPERATURE SENSOR IC
logo
Zentrum Mikroelektronik...
TSIC-106 ZMD-TSIC-106 Datasheet
462Kb / 2P
Rapid Response, Low-Cost Temperature Sensor IC
TSIC-201 ZMD-TSIC-201 Datasheet
168Kb / 3P
Precise, fast response and Low-cost Temperature Sensor IC Analog 0-1 Volt
TSIC-206 ZMD-TSIC-206 Datasheet
461Kb / 2P
Precise, Rapid Response, Low-Cost Temperature Sensor IC
TSIC-301 ZMD-TSIC-301 Datasheet
168Kb / 3P
High-precision, fast response & Low-cost Temperature Sensor IC Analog 0-1 Volt
TSIC-306 ZMD-TSIC-306 Datasheet
460Kb / 2P
High Precision, Rapid Response, Low Cost Temperature Sensor IC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com